Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH690 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH690
Description  40MHz to 1GHz AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH690 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH690_01 Datasheet HTML 1Page - STMicroelectronics TSH690_01 Datasheet HTML 2Page - STMicroelectronics TSH690_01 Datasheet HTML 3Page - STMicroelectronics TSH690_01 Datasheet HTML 4Page - STMicroelectronics TSH690_01 Datasheet HTML 5Page - STMicroelectronics TSH690_01 Datasheet HTML 6Page - STMicroelectronics TSH690_01 Datasheet HTML 7Page - STMicroelectronics TSH690_01 Datasheet HTML 8Page - STMicroelectronics TSH690_01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
s Supply voltage: 1.5V to 5V
s >20 mW adjustable output power
s 28 dB gain at 450 MHz
s 21 dB gain at 900 MHz
s 50 Ω matched input and output
s Bias pin to adjust the amplification class
s Power down
DESCRIPTION
The TSH690 is a wide band RF amplifier, de-
signed in advanced bipolar process. At 450 MHz,
it features 28dB gain and +13.5dBm (20 mW) out-
put power at 3V. At 900 MHz, it features 23 dB
gain and +15.5 dBm (35 mW) output power at 3V.
The pin 8 allows a bias current adjust, setting the
RF output level and the amplifier behaviour. It al-
lows using the TSH690 from the linear A-class
trough the AB-class to power-down mode.
The TSH690 is suited to drive power amplifiers in
cellular phones (GSM, TDMA) for which the
’turn-on time’ is controlled by a voltage ramp.
The more than 20 mW output power makes the
TSH690 dedicated as output stage for 433MHz
and 868 MHz ISM transmitters.
APPLICATIONS
s 433 MHz and 868 MHz ISM transmitters
s Telemetering systems
s Remote controls
s Cordless Telephones
s Driver for cellular phones
s Wide band applications
ORDER CODE
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PACKAGE
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
D
TSH690ID
-40, +85°C
•
D
SO8
(Plastic Micropackage)
TSH690
40MHz to 1GHz AMPLIFIER
March 2001


Similar Part No. - TSH690_01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH690ID STMICROELECTRONICS-TSH690ID Datasheet
134Kb / 10P
40MHz to 1GHz AMPLIFIER
Sep-1998
More results

Similar Description - TSH690_01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH690 STMICROELECTRONICS-TSH690 Datasheet
134Kb / 10P
40MHz to 1GHz AMPLIFIER
Sep-1998
TSH691 STMICROELECTRONICS-TSH691 Datasheet
139Kb / 10P
LOW COST 40MHz - 1GHz AMPLIFIER
Jun-1998
logo
Elantec Semiconductor
EL5191C ELANTEC-EL5191C Datasheet
369Kb / 17P
1GHz Current Feedback Amplifier
logo
Intersil Corporation
EL5367 INTERSIL-EL5367 Datasheet
403Kb / 11P
1GHz Triple Current Feedback Amplifier
November 9, 2004
logo
Fairchild Semiconductor
KH600 FAIRCHILD-KH600 Datasheet
319Kb / 12P
1GHz, Differential Input/Output Amplifier
logo
Cadeka Microcircuits LL...
KH600 CADEKA-KH600 Datasheet
355Kb / 13P
1GHz, Differential Input/Output Amplifier
logo
RF Micro Devices
D10040300GTH RFMD-D10040300GTH Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1GHz
S10040340 RFMD-S10040340 Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1GHz
logo
Renesas Technology Corp
EL5367 RENESAS-EL5367 Datasheet
613Kb / 11P
1GHz Triple Current Feedback Amplifier
logo
Qorvo, Inc
D10040300GTH QORVO-D10040300GTH Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com