Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH690 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH690
Description  40MHz to 1GHz AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH690 Datasheet(HTML) 4 Page - STMicroelectronics

  TSH690_01 Datasheet HTML 1Page - STMicroelectronics TSH690_01 Datasheet HTML 2Page - STMicroelectronics TSH690_01 Datasheet HTML 3Page - STMicroelectronics TSH690_01 Datasheet HTML 4Page - STMicroelectronics TSH690_01 Datasheet HTML 5Page - STMicroelectronics TSH690_01 Datasheet HTML 6Page - STMicroelectronics TSH690_01 Datasheet HTML 7Page - STMicroelectronics TSH690_01 Datasheet HTML 8Page - STMicroelectronics TSH690_01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TSH690
4/14
ELECTRICAL CHARACTERISTICS AT 450 MHz
Tamb = 25°C, V
CC & Vbias = +2.7V, ZL = 50Ω, f = 450 MHz (unless otherwise specified)
ELECTRICAL CHARACTERISTICS AT 900 MHz
Tamb = 25°C, V
CC & Vbias = +3V, ZL = 50Ω, f = 900 MHz (unless otherwise specified)
Parameter1)
1. All min. and max. parameters of this table are garanteed by correlation with 900 MHz tests.
Min.
Typ.
Max.
Unit
Power gain S21 (Pin = -20dBm)
20
23
30
dB
Output Power 1dB Compression
8
12
dBm
3rd Order Intercept Point (f = 430MHz)
16
22
dBm
Reverse Isolation S12 (f = 400MHz)
-46
dB
Input Return Loss S11
-10
-15
dB
Noise Figure
4.5
dB
Parameter1)
1. All min. and max. parameters of this table are garanteed by test.
Min.
Typ.
Max.
Unit
Power gain S21 (Pin = -20dBm)
19
21
dB
Output Power at 1dB compression point
+12
+14.3
dBm
Output power, Pin = -7 dBm
+10
+11.7
dBm
3rd Order Intercept Point
+25
dBm
Reverse Isolation S12
-35
dB
Input Return Loss S11
-14
dB
Output Return Loss S22
-4.5
dB
Noise figure
5.4
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com