Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH690 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSH690
Description  40MHz to 1GHz AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH690 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSH690_01 Datasheet HTML 6Page - STMicroelectronics TSH690_01 Datasheet HTML 7Page - STMicroelectronics TSH690_01 Datasheet HTML 8Page - STMicroelectronics TSH690_01 Datasheet HTML 9Page - STMicroelectronics TSH690_01 Datasheet HTML 10Page - STMicroelectronics TSH690_01 Datasheet HTML 11Page - STMicroelectronics TSH690_01 Datasheet HTML 12Page - STMicroelectronics TSH690_01 Datasheet HTML 13Page - STMicroelectronics TSH690_01 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TSH690
10/14
900 MHz operation (L2 = 10 nH)
GAIN vs FREQUENCY
INPUT RETURN LOSS
OUTPUT POWER vs VBIAS
OUTPUT RETURN LOSS
OUTPUT POWER vs INPUT POWER
100
200
300
400
500
600
700
800
900
1000
10
15
20
25
30
Freq (MHz)
L2 =10nH (900MHz Operation)
Vcc=Vbias=3V
-40°C
+25°C
V
+85°C
100
200
300
400
500
600
700
800
900
1000
-25
-20
-15
-10
-5
0
Freq (MHz)
Vcc=Vbias @ Ta=+25°C
L2 =10nH (900MHz operation)
2V
3V
4V
1,52
2,533,5
4
0
5
10
15
20
Vbias (V)
Ta=25°C
L2 =10nH (900MHz operation)
Vcc = 4V
Vcc = 3V
Vcc = 2V
-20
-15
-10
-5
0
0
5
10
15
20
Pin (dBm)
Vcc=Vbias=3V
L2 =10nH (900MHz operation)
+85°C
-40°C
+25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com