Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9285 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9285
Description  IC FOR XO TRIMMING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9285 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9285 Datasheet HTML 1Page - Micro Analog systems MAS9285 Datasheet HTML 2Page - Micro Analog systems MAS9285 Datasheet HTML 3Page - Micro Analog systems MAS9285 Datasheet HTML 4Page - Micro Analog systems MAS9285 Datasheet HTML 5Page - Micro Analog systems MAS9285 Datasheet HTML 6Page - Micro Analog systems MAS9285 Datasheet HTML 7Page - Micro Analog systems MAS9285 Datasheet HTML 8Page - Micro Analog systems MAS9285 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DA9285.004
13 July 2006
2 (11)
PIN DESCRIPTION
Pin Description
Symbol
x-coordinate
y-coordinate
Note
Serial Bus Data Input
DA
192
152
Serial Bus Clock Input
CLK
425
152
Programming Input
PV
656
158
Power Supply Voltage
VDD
161
855
Power Supply Ground
VSS
368
855
CDAC Output with Bias Option
X1
629
871
Note: Because the substrate of the die is internally connected to VDD, the die has to be connected to VDD or
left floating. Please make sure that VDD is the first pad to be bonded. Pick-and-place and all component
assembly are recommended to be performed in ESD protected area.
Note: Pad coordinates measured from the left bottom corner of the chip to the center of the pads. The
coordinates may vary depending on sawing width and location, however, distances between pads are accurate.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Note
Supply Voltage
VDD - VSS
-0.3
6.0
V
Input Voltage
VIN
VSS -0.3
VDD + 0.3
V
1)
Power Dissipation
PMAX
100
mW
Storage Temperature
TST
-55
150
oC
Note: Not valid for programming pin PV
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
2.5
2.8
5.5
V
Supply Current
ICC
Vdd = 3.3 Volt
7
50
A
Operable Temperature
TC
-40
+85
oC
ELECTRICAL CHARACTERISTICS
(recommended operation conditions)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Operation Frequency
200
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com