Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9285 Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS9285
Description  IC FOR XO TRIMMING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9285 Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS9285 Datasheet HTML 3Page - Micro Analog systems MAS9285 Datasheet HTML 4Page - Micro Analog systems MAS9285 Datasheet HTML 5Page - Micro Analog systems MAS9285 Datasheet HTML 6Page - Micro Analog systems MAS9285 Datasheet HTML 7Page - Micro Analog systems MAS9285 Datasheet HTML 8Page - Micro Analog systems MAS9285 Datasheet HTML 9Page - Micro Analog systems MAS9285 Datasheet HTML 10Page - Micro Analog systems MAS9285 Datasheet HTML 11Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DA9285.004
13 July 2006
10 (11)
D
A
B
C
N
W
1
W2
Tape Slot for Tape Start
Components
Trailer
Leader
Carrier Tape
Cover Tape
Start
End
REEL SPECIFICATIONS (QFN-6)
Dimension
Min
Max
Unit
A
178
mm
B
1.5
mm
C
12.80
13.50
mm
D
20.2
mm
N
50
mm
W1 (measured at hub)
8.4
9.90
mm
W2 (measured at hub)
14.4
mm
Trailer
160
mm
Leader
390,
of which minimum 160 mm of
empty carrier tape sealed with
cover tape
mm
3000 Components on Each Reel
Reel Material: Conductive, Plastic Antistatic or Static Dissipative
Carrier Tape Material: Conductive
Cover Tape Material: Static Dissipative



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com