Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9285 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9285
Description  IC FOR XO TRIMMING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9285 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9285 Datasheet HTML 1Page - Micro Analog systems MAS9285 Datasheet HTML 2Page - Micro Analog systems MAS9285 Datasheet HTML 3Page - Micro Analog systems MAS9285 Datasheet HTML 4Page - Micro Analog systems MAS9285 Datasheet HTML 5Page - Micro Analog systems MAS9285 Datasheet HTML 6Page - Micro Analog systems MAS9285 Datasheet HTML 7Page - Micro Analog systems MAS9285 Datasheet HTML 8Page - Micro Analog systems MAS9285 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DA9285.004
13 July 2006
3 (11)
IC OUTLINES
Figure 2. IC outline of MAS9285.
Note 1: MAS9285 pads are round with 80 µm diameter at opening.
Note 2: Pins PV, CLK and DA must not be connected in XO module end-user application.
APPLICATION
Figure 3. Typical application for MAS9285
PV
CLK
DA
X1
VSS
VDD
MAS9285
794 µm
Die map reference
X2
X1
X'Tal
VC
DA
CLK
PV
VSS
VDD
X1
Digital
5
3
2
MAS9285
OUT
155MHz VCXO



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com