Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9285 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9285
Description  IC FOR XO TRIMMING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9285 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9285 Datasheet HTML 1Page - Micro Analog systems MAS9285 Datasheet HTML 2Page - Micro Analog systems MAS9285 Datasheet HTML 3Page - Micro Analog systems MAS9285 Datasheet HTML 4Page - Micro Analog systems MAS9285 Datasheet HTML 5Page - Micro Analog systems MAS9285 Datasheet HTML 6Page - Micro Analog systems MAS9285 Datasheet HTML 7Page - Micro Analog systems MAS9285 Datasheet HTML 8Page - Micro Analog systems MAS9285 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DA9285.004
13 July 2006
1 (11)
MAS9285
IC FOR XO TRIMMING
Very Low Power
Wide Trimming Range
Wide Supply Voltage Range
Very High Level of Integration
Electrically Trimmable
Low Cost
DESCRIPTION
MAS9285 is capacitive digital to analog converter
integrated circuit well suited to make initial offset
trimming of the crystal oscillator. The trimming is
done by a serial bus and the calibration information
is stored in an internal PROM.
FEATURES
APPLICATIONS
Very small size
Minimum current draw
Wide operating temperature range
OCXO
All Crystal Oscillators
BLOCK DIAGRAM
Figure 1. Block diagram of MAS9285.
DA
CLK
PV
VSS
VDD
X1
Digital
5
3
2
MAS9285


Similar Part No. - MAS9285

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9280 MAS-MAS9280 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A1SM06 MAS-MAS9280A1SM06 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A1TG00 MAS-MAS9280A1TG00 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A2TG00 MAS-MAS9280A2TG00 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A3SM06 MAS-MAS9280A3SM06 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
More results

Similar Description - MAS9285

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL601-27 PLL-PLL601-27 Datasheet
181Kb / 4P
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
logo
Micro Analog systems
MAS6720 MAS-MAS6720 Datasheet
50Kb / 4P
IC FOR 32.768 kHz XO
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
logo
Mitsumi Electronics, Co...
MM1424 MITSUMI-MM1424 Datasheet
59Kb / 5P
IC for XO Monolithic IC
logo
PhaseLink Corporation
PLL602-00 PLL-PLL602-00 Datasheet
174Kb / 4P
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
logo
Abracon Corporation
ABMX0127 ABRACON-ABMX0127 Datasheet
59Kb / 4P
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
03/21/05
logo
Silicon Laboratories
SI514 SILABS-SI514 Datasheet
1Mb / 36P
ANY-FREQUENCY IC PROGRAMMABLE XO
logo
Micro Analog systems
MAS6285 MAS-MAS6285 Datasheet
166Kb / 12P
IC FOR XO TRIMMING
logo
Abracon Corporation
ABM0127 ABRACON-ABM0127 Datasheet
60Kb / 4P
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
logo
Micrel Semiconductor
PL602-00 MICREL-PL602-00 Datasheet
272Kb / 4P
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com