Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720100AGM-8ED Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPD720100AGM-8ED
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720100AGM-8ED Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPD720100AGM-8ED Datasheet HTML 1Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 2Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 3Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 4Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 5Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 6Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 7Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 8Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Data Sheet S15535EJ3V0DS
3
µPD720100A
PCI Bus Interface
:handles 32-bits 33 MHz PCI Bus master and target function which comply with PCI
specification release 2.2. The number of enabled ports are set by bit in configuration
space.
Arbiter
:arbitrates among two OHCI Host controller cores and one EHCI Host controller core.
OHCI Host Controller #1
:handles full- (12 Mbps)/low-speed (1.5 Mbps) signaling at port 1, 3, and 5.
OHCI Host Controller #2
:handles full- (12 Mbps)/low-speed (1.5 Mbps) signaling at port 2 and 4.
EHCI Host Controller
:handles high- (480 Mbps) signaling at port 1, 2, 3, 4, and 5.
Root Hub
:handles USB hub function in Host controller and controls connection (routing)
between Host controller core and port.
PHY
:consists of high-speed transceiver, full-/low-speed transceiver, serializer, deserializer,
etc
INTA0
:is the PCI interrupt signal for OHCI Host Controller #1.
INTB0
:is the PCI interrupt signal for OHCI Host Controller #2.
INTC0
:is the PCI interrupt signal for EHCI Host Controller.
SMI0
:is the interrupt signal which is specified by Open Host Controller Interface
Specification for USB Rev 1.0a. The SMI signal of each OHCI Host Controller appears
at this signal.
PME0
:is the interrupt signal which is specified by PCI-Bus Power Management Interface
Specification release 1.1. Wakeup signal of each host controller core appears at this
signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com