Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720100AGM-8ED Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD720100AGM-8ED
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720100AGM-8ED Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD720100AGM-8ED Datasheet HTML 10Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 11Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 12Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 13Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 14Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 15Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 16Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 17Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Data Sheet S15535EJ3V0DS
12
µPD720100A
2.3
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage
VDD
−0.5 to +4.6
V
AVDD
−0.5 to +4.6
V
VDD_PCI
−0.5 to +6.0
V
Input voltage, 5 V buffer
VI
3.0 V
≤ VDD ≤ 3.6 V
VI
< VDD + 3.0 V
−0.5 to +6.6
V
Input voltage, 3.3 V buffer
VI
3.0 V
≤ VDD ≤ 3.6 V
VI
< VDD + 0.5 V
−0.5 to +4.6
V
Output voltage, 5 V buffer
VO
3.0 V
≤ VDD ≤ 3.6 V
VO
< VDD + 3.0 V
−0.5 to +6.6
V
Output voltage, 3.3 V buffer
VO
3.0 V
≤ VDD ≤ 3.6 V
VO
< VDD + 0.5 V
−0.5 to +4.6
V
Operating temperature
TA
0 to
+70
°C
Storage temperature
Tstg
−65 to +150
°C
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameters. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions
that ensure that the absolute maximum ratings are not exceeded.
The ratings and conditions indicated for DC characteristics and AC characteristics represent the
quality assurance range during normal operation.
Recommended Operating Ranges
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Operating voltage
VDD
3.0
3.3
3.6
V
AVDD
3.0
3.3
3.6
V
VDD_PCI
In 3.3 V PCI
3.0
3.3
3.6
V
In 5 V PCI
4.75
5.0
5.25
V
High-level input voltage
VIH
3.3 V High-level input voltage
2.0
VDD
V
5.0 V High-level input voltage
2.0
5.5
V
Low-level input voltage
VIL
3.3 V Low-level input voltage
0
0.8
V
5.0 V Low-level input voltage
0
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com