Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720100AGM-8ED Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD720100AGM-8ED
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720100AGM-8ED Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD720100AGM-8ED Datasheet HTML 19Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 20Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 21Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 22Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 23Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 24Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 25Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 26Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Data Sheet S15535EJ3V0DS
21
µPD720100A
(2/2)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
High-speed Source Electrical Characteristics
Rise time (10% - 90%)
tHSR
500
ps
Fall time (90% - 10%)
tHSF
500
ps
Driver waveform
See Figure 2-6.
High-speed Data Rate
tHSDRAT
479.760
480.240
Mbps
Microframe Interval
tHSFRAM
124.9375
125.0625
µs
Consecutive Microframe Interval Difference
tHSRFI
4
high-speed
Bit
times
Data source jitter
See Figure 2-6.
Receiver jitter tolerance
See Figure 2-4.
Hub event Timings
Time to detect a downstream facing port
connect event
tDCNN
2.5
2000
µs
Time to detect a disconnect event at a
downstream facing port:
tDDIS
2.0
2.5
µs
Duration of driving resume to a
downstream port
tDRSMDN
Nominal
20
ms
Time from detecting downstream resume to
rebroadcast.
tURSM
1.0
ms
Inter-packet Delay for packets traveling in
same direction for high-speed
tHSIPDSD
88
Bit
times
Inter-packet Delay for packets traveling in
opposite direction for high-speed
tHSIPDOD
8
Bit
times
Inter-packet delay for root hub response for
high-speed
tHSRSPIPD1
192
Bit
times
Time for which a Chirp J or Chirp K must
be continuously detected during Reset
handshake
tFILT
2.5
µs
Time after end of device Chirp K by which
hub must start driving first Chirp K
tWTDCH
100
µs
Time for which each individual
Chirp J or Chirp K in the chirp sequence is
driven downstream during reset
tDCHBIT
40
60
µs
Time before end of reset by which a hub
must end its downstream chirp sequence
tDCHSE0
100
500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com