Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720100AGM-8ED Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # UPD720100AGM-8ED
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720100AGM-8ED Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button UPD720100AGM-8ED Datasheet HTML 14Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 15Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 16Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 17Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 18Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 19Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 20Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 21Page - Renesas Technology Corp UPD720100AGM-8ED Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Data Sheet S15535EJ3V0DS
16
µPD720100A
Figure 2-4. Receiver Sensitivity for Transceiver at DP/DM
0 V
Differential
+400 mV
Differential
−400 mV
Differential
Unit Interval
Level 1
Level 2
Point 1
Point 2
Point 3
Point 4
Point 5
Point 6
0%
100%
Figure 2-5. Receiver Measurement Fixtures
Vbus
D+
D-
Gnd
15.8
Ω
+
To 50
Ω Inputs of a
High Speed Differential
Oscilloscope, or 50
Ω
Outputs of a High Speed
Differential Data Generator
−
50
Ω
Coax
50
Ω
Coax
USB
Connector
Nearest
Device
Test Supply Voltage
15.8
Ω
143
Ω
143
Ω
Pin Capacitance
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Input capacitance
CI
6
8
pF
Output capacitance
CO
10
12
pF
I/O capacitance
CIO
10
12
pF
PCI input pin capacitance
Cin
8
pF
PCI clock input pin capacitance
Cclk
6
8
pF
PCI IDSEL input pin capacitance
CIDSEL
VDD = 0 V, TA = 25°C
fC = 1 MHz
Unmeasured pins
returned to 0 V
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com