Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2504 Datasheet(PDF) 21 Page - SMSC Corporation

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button USB2504_06 Datasheet HTML 17Page - SMSC Corporation USB2504_06 Datasheet HTML 18Page - SMSC Corporation USB2504_06 Datasheet HTML 19Page - SMSC Corporation USB2504_06 Datasheet HTML 20Page - SMSC Corporation USB2504_06 Datasheet HTML 21Page - SMSC Corporation USB2504_06 Datasheet HTML 22Page - SMSC Corporation USB2504_06 Datasheet HTML 23Page - SMSC Corporation USB2504_06 Datasheet HTML 24Page - SMSC Corporation USB2504_06 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
SMSC USB2504/USB2504A
21
Revision 2.1 (12-06-06)
DATASHEET
5.2.3.1
EEPROM Offset 1:0(h) - Vendor ID
5.2.3.2
EEPROM Offset 3:2(h) - Product ID
5.2.3.3
EEPROM Offset 5:4(h) - Device ID
5.2.3.4
EEPROM Offset 6(h) - CONFIG_BYTE_1
BIT
NUMBER
BIT NAME
DESCRIPTION
15:8
VID_MSB
Most Significant Byte of the Vendor ID.
7:0
VID_LSB
Least Significant Byte of the Vendor ID.
BIT
NUMBER
BIT NAME
DESCRIPTION
15:8
PID_MSB
Most Significant Byte of the Product ID.
7:0
PID_LSB
Least Significant Byte of the Product ID.
BIT
NUMBER
BIT NAME
DESCRIPTION
15:8
DID_MSB
Most Significant Byte of the Device ID.
7:0
DID_LSB
Least Significant Byte of the Device ID.
BIT
NUMBER
BIT NAME
DESCRIPTION
7
SELF_BUS_PWR
Self or Bus Power: Selects between Self- and Bus-Powered operation.
0 = Bus-Powered operation. (BUS Default)
1 = Self-Powered operation. (SELF Default)
Note: If Dynamic Power Switching is enabled, this bit is ignored and the
SELF_PWR pin is used to determine if the hub is operating from self or bus
power.
6
PORT_IND
Port Indicator Support: Indicates implementation of LED indicators
0 = No LED indicators.
1 = LED indicators.
5
HS_DISABLE
High Speed Disable: Disables the capability to attach as either a High/Full-
speed device, and forces attachment as Full-speed only i.e. (no High-Speed
support).
0 = High-/Full-Speed. (Default)
1 = Full-Speed-Only (High-Speed disabled!)
4
MTT_ENABLE
Multi-TT enable: Enables one transaction translator per port operation.
0 = single TT for all ports.
1 = one TT per port (multiple TT’s supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com