Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2504 Datasheet(PDF) 31 Page - SMSC Corporation

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 31 Page - SMSC Corporation

Back Button USB2504_06 Datasheet HTML 27Page - SMSC Corporation USB2504_06 Datasheet HTML 28Page - SMSC Corporation USB2504_06 Datasheet HTML 29Page - SMSC Corporation USB2504_06 Datasheet HTML 30Page - SMSC Corporation USB2504_06 Datasheet HTML 31Page - SMSC Corporation USB2504_06 Datasheet HTML 32Page - SMSC Corporation USB2504_06 Datasheet HTML 33Page - SMSC Corporation USB2504_06 Datasheet HTML 34Page - SMSC Corporation USB2504_06 Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
SMSC USB2504/USB2504A
31
Revision 2.1 (12-06-06)
DATASHEET
5.3.9.10
Register 09h: Non-Removable Device (Reset = 0x00)
5.3.9.11
Register 0Ah: Port Disable For Self Powered Operation (Reset = 0x00)
5.3.9.12
Register 0Bh: Port Disable For Bus Powered Operation (Reset = 0x00)
5.3.9.13
Register 0Ch: Max Power For Self Powered Operation (Reset = 0x00)
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
NR_DEVICE
Non-Removable Device: Indicates which port(s) include non-removable devic-
es. ‘0’ = port is removable, ‘1’ = port is non-removable.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= 1; Port 4 non-removable.
Bit 3= 1; Port 3 non-removable.
Bit 2= 1; Port 2 non-removable.
Bit 1= 1; Port 1 non removable.
Bit 0 is Reserved, always = ‘0’.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PORT_DIS_SP
Port Disable Self-Powered: Disables 1 or more contiguous ports. ‘0’ = port
is available, ‘1’ = port is disabled.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= 1; Port 4 is disabled.
Bit 3= 1; Port 3 is disabled.
Bit 2= 1; Port 2 is disabled.
Bit 1= 1; Port 1 is disabled.
Bit 0 is Reserved, always = ‘0’
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PORT_DIS_BP
Port Disable Bus-Powered: Disables 1 or more contiguous ports. ‘0’ = port
is available, ‘1’ = port is disabled.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= 1; Port 4 is disabled.
Bit 3= 1; Port 3 is disabled.
Bit 2= 1; Port 2 is disabled.
Bit 1= 1; Port 1 is disabled.
Bit 0 is Reserved, always = ‘0’
BIT
NUMBER
BIT NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com