Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2504 Datasheet(PDF) 29 Page - SMSC Corporation

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button USB2504_06 Datasheet HTML 25Page - SMSC Corporation USB2504_06 Datasheet HTML 26Page - SMSC Corporation USB2504_06 Datasheet HTML 27Page - SMSC Corporation USB2504_06 Datasheet HTML 28Page - SMSC Corporation USB2504_06 Datasheet HTML 29Page - SMSC Corporation USB2504_06 Datasheet HTML 30Page - SMSC Corporation USB2504_06 Datasheet HTML 31Page - SMSC Corporation USB2504_06 Datasheet HTML 32Page - SMSC Corporation USB2504_06 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
SMSC USB2504/USB2504A
29
Revision 2.1 (12-06-06)
DATASHEET
5.3.9.3
Register 02h: Vendor ID (MSB) (Reset = 0x00)
5.3.9.4
Register 03h: Product ID (LSB) (Reset = 0x00)
5.3.9.5
Register 04h: Product ID (MSB) (Reset = 0x00)
5.3.9.6
Register 05h: Device ID (LSB) (Reset = 0x00)
5.3.9.7
Register 06h: Device ID (MSB) (Reset = 0x00)
5.3.9.8
Register 07h: CONFIG_BYTE_1 (Reset = 0x00)
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
VID_MSB
Most Significant Byte of the Vendor ID.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PID_LSB
Least Significant Byte of the Product ID.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PID_MSB
Most Significant Byte of the Product ID.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
DID_LSB
Least Significant Byte of the Device ID.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
DID_MSB
Most Significant Byte of the Device ID.
BIT
NUMBER
BIT NAME
DESCRIPTION
7
SELF_BUS_PWR
Self or Bus Power: Selects between Self- and Bus-Powered operation.
0 = Bus-Powered operation.
1 = Self-Powered operation.
Note: If Dynamic Power Switching is enabled, this bit is ignored and the
SELF_PWR pin is used to determine if the hub is operating from self or bus
power.
6
PORT_IND
Port Indicator Support: Indicates implementation of LED indicators
0 = No LED indicators.
1 = LED indicators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com