Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2504 Datasheet(PDF) 39 Page - SMSC Corporation

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button USB2504_06 Datasheet HTML 35Page - SMSC Corporation USB2504_06 Datasheet HTML 36Page - SMSC Corporation USB2504_06 Datasheet HTML 37Page - SMSC Corporation USB2504_06 Datasheet HTML 38Page - SMSC Corporation USB2504_06 Datasheet HTML 39Page - SMSC Corporation USB2504_06 Datasheet HTML 40Page - SMSC Corporation USB2504_06 Datasheet HTML 41Page - SMSC Corporation USB2504_06 Datasheet HTML 42Page - SMSC Corporation USB2504_06 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
SMSC USB2504/USB2504A
39
Revision 2.1 (12-06-06)
DATASHEET
Chapter 6 Backward Compatibility to the USB20H04
The USB2504/USB2504A is pin compatible to the USB20H04, but is not designed to be a direct drop-
in replacement. Many existing USB20H04 designs may accommodate a USB2504/USB2504A in place
of the USB20H04, as long as specific Bill-Of-Material (BOM) modifications and population option
changes are implemented. Since each design is unique, every customer considering a change from a
USB20H04 to a USB2504/USB2504A should contact SMSC Applications Engineering for assistance.
6.1
Internal 1.8V regulator
The USB2504/USB2504A has two internal 1.8V regulators that are enabled by default (ATEST pin
contains an internal pull-up, and was specified as a No-Connect in the USB20H04 datasheet). Each
regulator requires a separate 4.7uF Low ESR capacitor to ground. The USB20H04 designs that directly
connect the Digital and Analog 1.8V pins together will not support a USB2504/USB2504A (unless the
internal regulators are disabled).
6.2
Configuration by Internal Defaults
The internal default settings that are loaded when this option is selected are very similar (but not
identical) to those that were loaded in the USB20H04. The CFG_SEL[2:0] pins will properly select this
method if the existing USB20H04 design was set-up to load the configuration via internal defaults.
The USB2504/USB2504A has pin strapping options that enable modification of the internal default load
without requiring an EEPROM. The CFG_SEL2 pin (pin 59) on the USB2504/USB2504A was a VSS
pin on the USB20H04 so this functionality will be disabled when a USB2504/USB2504A is placed into
a USB20H04 design.
6.3
Configuration by SMBus
The CFG_SEL[2:0] pins will properly select this method if the existing USB20H04 design was set-up
to load the configuration via SMBus. The USB2504/USB2504A has a few additional registers, and has
also moved some of the configuration bits so the actual SMBus code load itself will need to be
modified. If a USB20H04 SMBus load is programmed into a USB2504/USB2504A, the results are
unpredictable.
6.4
PRTPWR_POL
The USB2504/USB2504A has a new strapping option that enables the port power control active state
to be either active-high or active-low. The USB20H04 only provided active-low port power control. The
PRTPWR_POL pin on the USB2504/USB2504A is pin 23, which was a VSS pin on the USB20H04,
so by default, a USB20H04 design will select active-low port port control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com