Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3662EB Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT3662EB
Description  Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662EB Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT3662EB Datasheet HTML 9Page - Richtek Technology Corporation RT3662EB Datasheet HTML 10Page - Richtek Technology Corporation RT3662EB Datasheet HTML 11Page - Richtek Technology Corporation RT3662EB Datasheet HTML 12Page - Richtek Technology Corporation RT3662EB Datasheet HTML 13Page - Richtek Technology Corporation RT3662EB Datasheet HTML 14Page - Richtek Technology Corporation RT3662EB Datasheet HTML 15Page - Richtek Technology Corporation RT3662EB Datasheet HTML 16Page - Richtek Technology Corporation RT3662EB Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
RT3662EB
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS3662EB-04
August
2019
www.richtek.com
13
Note 1. Stresses beyond those listed under
“Absolute Maximum Ratings” June cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions June affect
device reliability.
Note 2.
JA is measured under natural convection (still air) at TA = 25C with the component mounted on a high
effective-thermal-conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
JC is measured
at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. Min. SVC frequency defined in electrical spec. is related with diff
erent application. As min. SVC < 1MHz, VR can’t
support telemetry reporting function. As min. SVC < 400k
Hz, VR can’t support telemetry reporting function and VOTF
complete function.
Note 6. TON[PSI0_L:PSI1_L=00,01,10] = 0.8 * TON[PSI0_L:PSI1_L=11]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com