Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3662EB Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT3662EB
Description  Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662EB Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT3662EB Datasheet HTML 1Page - Richtek Technology Corporation RT3662EB Datasheet HTML 2Page - Richtek Technology Corporation RT3662EB Datasheet HTML 3Page - Richtek Technology Corporation RT3662EB Datasheet HTML 4Page - Richtek Technology Corporation RT3662EB Datasheet HTML 5Page - Richtek Technology Corporation RT3662EB Datasheet HTML 6Page - Richtek Technology Corporation RT3662EB Datasheet HTML 7Page - Richtek Technology Corporation RT3662EB Datasheet HTML 8Page - Richtek Technology Corporation RT3662EB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
RT3662EB
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS3662EB-04
August
2019
2
Ordering Information
Package Type
QW : WQFN-32L 4x4 (W-Type)
RT3662EB
Lead Plating System
G : Green (Halogen Free and Pb Free)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configuration
(TOP VIEW)
VIN
FB
COMP
RGND
UGATE1
VSEN
NC
BOOT1
ISEN2N
ISEN2P
VDDIO
PGOOD
ISEN1P
SVT
ISEN1N
SVD
33
24
23
22
21
1
2
3
4
10 11 12 13
31 30 29 28
20
19
5
6
9
32
14
27
18
7
15
26
16
25
17
8
GND
WQFN-32L 4x4
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VIN
VIN input. Connect a low pass filter to this pin.
2
RGND
Return ground of VDDC controller. This pin is the common negative input of
output voltage differential remote sense of VDDC controller.
3
COMP
Error amplifier output pin of the VDDC controller.
4
FB
Output voltage feedback input of VDDC controller. This pin is the negative
input of the error amplifier for the VDDC controller.
5
ISEN2P
Positive current sense input of channel 2 for VDDC controller.
6
ISEN2N
Negative current sense input of channel 2 for VDDC controller.
7
ISEN1P
Positive current sense input of Channel 1 for VDDC controller.
8
ISEN1N
Negative current sense input of channel 1 for VDDC controller.
9
VRHOT_L
Thermal indicator. This pin is an open drain output. (Active low)
10
TSEN
This pin provides two functions: platform setting, platform can use this pin to
set frequency, initial offset and per-phase OCP threshold of VDDC
Controller. The other function is thermal sense input for VRHOT indicator, so
this pin must to be connected to the NTC network for thermal sense.
11
SET1
Platform setting pin. Platform can use this pin to set AI gain, QRTH of VDDC
Controller.
12
IMON
Current monitor output for the VDDC controller. This pin outputs a voltage
proportional to the output current.
13
VREF_PINSET
This pin provides two functions : the 3.2V power supply for pin setting
function divided resistors. The other function is fixed 0.8V output reference
voltage, and the voltage is only used to offset the output voltage of IMON
pin. Connect a RC circuit from this pin to GND. The recommended resistor
is from 3.9
 to 10, and the capacitor is 0.47F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com