Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3662EB Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT3662EB
Description  Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662EB Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT3662EB Datasheet HTML 19Page - Richtek Technology Corporation RT3662EB Datasheet HTML 20Page - Richtek Technology Corporation RT3662EB Datasheet HTML 21Page - Richtek Technology Corporation RT3662EB Datasheet HTML 22Page - Richtek Technology Corporation RT3662EB Datasheet HTML 23Page - Richtek Technology Corporation RT3662EB Datasheet HTML 24Page - Richtek Technology Corporation RT3662EB Datasheet HTML 25Page - Richtek Technology Corporation RT3662EB Datasheet HTML 26Page - Richtek Technology Corporation RT3662EB Datasheet HTML 27Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
RT3662EB
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS3662EB-04
August
2019
www.richtek.com
23
Thermal Indicator
Refer to Figure 6, the RT3662EB provides the thermal
indicator. The VRHOT_L pin is an open-drain output
which is used for VR thermal indicator. When the
sensed voltage at TSEN pin is less than 2.2V, the
VRHOT_L signal will be pulled low to notify GPU that
the temperature is over the VRHOT temperature
threshold.
After TSEN pin setting, a 80
A current (when VCC = 5V)
will be generated at the TSEN pin for thermal indicator
function. And the voltage at TSEN pin as below :
p1
p2
p2
1
NTC
TSEN
1
NTC
p1
p2
p1
p2
R
R
R
RR
V
80 A
VREF
R
R
R
R
R
R





 

 

(4)
Due to the VREF reference voltage cause the thermal
compensation become complex. In this way, the sensed
voltage related VREF will be eliminated in ADC block.
The actual sensed voltage at TSEN pin described as
below :
p1
p2
1
NTC
TSEN_ADC
1
NTC
p1
p2
RR
RR
V
80 A
R
R
R
R





 


 

(5)
TSEN
VREF
Rp1
Rp2
80µA
(VCC = 5V)
Register
ADC
VTSEN_DIV
PHOCP
FSW
Initial
Offset
RNTC
R1
VTSEN
Thermal
Monitor
VDDIO
PROCHOT_L
VRHOT_L
2.2V
Figure 6. TSEN Circuit
VDDC Controller
Active Phase Determination
The number of active phases is determined by the
internal circuitry that monitors the ISEN2N voltage
during start-up. Normally, the VDDC controller operates
as a 2-phase PWM controller. Pulling ISEN2N to VCC
programs a 1-phase operation. At EN rising edge,
VDDC controller detects whether the voltage of ISEN2N
is higher than “VCC
 0.5V” to decide how many
phases should be active and the active phase number is
determined and latched. The unused ISEN2P pin is
recommended to be connected to VCC.
Loop Control
The VDDC controller adopts Richtek's proprietary
G-NAVPTM topology. The G-NAVPTM is based on the
finite gain peak current mode with CCRCOT (Constant
Current Ripple Constant On-Time) topology. The output
voltage, VVDDC will decrease with increasing output load
current. The control loop consists of PWM modulators
with power stages, current sense amplifiers and an error
amplifier as shown in Figure 7.
Similar to the peak current mode control with finite
compensator gain, the HS_FET on-time is determined
by CCRCOT on-time generator. When load current
increases (VCS increases), the steady state COMP
voltage also increases and induces VVDDC_SENSE to
decrease, thus achieving AVP. A near-DC offset
canceling is added to the output of EA to eliminate the
inherent output offset of finite gain peak current mode
controller.
VVDDC
VVDDC_SENSE
+
-
ISENxP
ISENxN
1.867m
VCS
-
+
VIN
FB
RGND
COMP
HS_FET
LS_FET
RX1
CX
RC
C
C2
C1
R2
R1
EA
VSS_SENSE
VDAC
CCRCOT
PWM
Logic
Offset
Canceling
IMON
VREF_PINSET
RIMON
L
RSENSE
Driver
RX2
0.75 x AI_VDDC
Figure 7.VDDC Controller : Simplified Schematic with
Voltage Loop and Current Loop
Current Signal Sensing
Refer to Figure 7, for different RSENSE resistor, the
current sense method can classify as two types. The
method1 only use Rx1 for lower RSENSE application, and
the method2 use Rx1 and Rx2 to divide the current
signal for higher RSENSE application. Richtek also
provide Excel based design tool to let user choose the
appropriate components quickly.
The current sense topology of the VDDC controller is
continuous inductor current sensing. Therefore, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com