Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3662EB Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT3662EB
Description  Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662EB Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT3662EB Datasheet HTML 17Page - Richtek Technology Corporation RT3662EB Datasheet HTML 18Page - Richtek Technology Corporation RT3662EB Datasheet HTML 19Page - Richtek Technology Corporation RT3662EB Datasheet HTML 20Page - Richtek Technology Corporation RT3662EB Datasheet HTML 21Page - Richtek Technology Corporation RT3662EB Datasheet HTML 22Page - Richtek Technology Corporation RT3662EB Datasheet HTML 23Page - Richtek Technology Corporation RT3662EB Datasheet HTML 24Page - Richtek Technology Corporation RT3662EB Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
RT3662EB
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS3662EB-04
August
2019
www.richtek.com
21
Bit Time
Description
21
TFN (Telemetry Functionality)
22 : 24
Load Line Slope Trim [2:0]
25 : 26
Offset Trim [1:0]
SVC
SVT
STOP
START
1
2
3
4
5
6
7
11
12
13
14
15
16
10
17
VDDC Current Bits
8
9
18
19
20
VDDC Voltage Bits
Voltage and Current
Mode Selection
Bit Time……
Figure 3. Telemetry Bit Definition
PWROK and SVI2 Operation
The PWROK pin is an input pin, which is connected to
the global power good signal from the platform. Logic
high at this pin enables the SVI2 interface, allowing data
transaction between processor and the RT3662EB.
Once the RT3662EB receives a valid SVID code, it
decodes the information from processor to determine
the output target VID. The internal DAC then steps
up/down the reference voltage in a controlled slew rate,
making the output voltage shift to the required new VID.
If the PWROK input goes low during normal operation,
the SVI2 protocol stops running. The RT3662EB
immediately drives SVT high and modifies all output
voltages back to the Boot VID, which is stored in the
internal register right after the controller is enabled. The
controller does not read SVD and SVC inputs after the
loss of PWROK. If the PWROK input goes high again,
the SVI2 protocol resumes running. The RT3662EB
then waits to decode the SVID command from
processor for a new VID and acts as previously
described. The SVI2 protocol is only runs when the
PWROK input goes high after the voltage at the EN pin
goes high.
VID on-the-Fly Transition
After the RT3662EB has received a valid SVID code, it
executes the VID on-the-Fly transition by stepping
up/down the reference voltage of the required controller
channel in a controlled slew rate, hence allowing the
output voltage to ramp up/down to target VID.
During the VID on-the-Fly transition, the RT3662EB will
force CCM operation in high performance mode. If the
controller channel operates in the power-saving mode
prior to the VID on-the-Fly transition, it will change to
high performance mode and implement CCM operation
when the controller implement VID up, and then remain
in high performance mode; if the controller implement
VID down in power-saving mode, it will decay down and
keep in power-saving mode. The voltage at the PGOOD
pin will keep high during the VID on-the-Fly transition.
The RT3662EB send a VOTF complete only at the end
of VID up transition. In the event of receiving a VID off
code, the RT3662EB steps the reference voltage of
required controller channel down to zero, hence making
the required output voltage decrease to zero, and the
voltage at the PGOOD pin will remain high since the
VID code is valid.
Power State Transition
The RT3662EB supports power state transition function
in VDDC VR for the PSI[x]_L command from AMD
processor. The PSI[x]_L bit in the SVI2 protocol controls
the operating mode of the RT3662EB controller
channels. The default operation mode of VDDC VR is
full-phase CCM.
When the VDDC VR is in N phase configuration and
receives PSI0_L = 0 and PSI1_L = 0 or 1, it will entry
1-phase diode emulation mode. When the VDDC VR
receives PSI0_L = 1 and PSI1_L = 0, it remains 1-phase
diode emulation mode. In reverse, the VDDC VR goes
back to N phase operation in CCM upon receiving
PSI0_L = 1 and PSI1_L = 1, see Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com