Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DME2829-252 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # DME2829-252
Description  Silicon Beam-Lead Schottky Mixer Diodes – Singles, Pairs, and Quads in Ceramic Hermetic Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DME2829-252 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  DME2829-252 Datasheet HTML 1Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 2Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 3Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 4Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 5Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 6Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 7Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 8Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DATA SHEET • DME, DMF, DMJ SERIES SCHOTTKY MIXER DIODES
Phone [408] 946-1968 • Fax [408] 946-1960 • hirel.sales@skyworksinc.com • www.skyworksinc.com
203261B • Isolink Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 18, 2017
5
Table 5. Electrical Specifications: Beam-Lead Common Cathode, N-Type Low, Medium, High Drive Schottky Diodes
Frequency
Band
Part Number
Barrier
VF @ 1.0 mA
(mV)
Rs
@ 5.0 mA
(
Ω)
Total
Capacitance
(CT) @ 0 V
(pF)
VB @ 10 uA
(V)
Minimum
Maximum
Maximum
Maximum
Minimum
S, C
DMF2182-223
Low
200
260
5
0.60
2
S, C
DMF2182-253
Low
200
260
5
0.60
2
S, C
DME2205-223
Medium
300
400
5
0.60
3
S, C
DME2205-253
Medium
300
400
5
0.60
3
S, C
DMJ2208-223
High
500
600
5
0.60
4
S, C
DMJ2208-253
High
500
600
5
0.60
4
X
DMF2183-223
Low
220
300
8
0.40
2
X
DMF2183-253
Low
220
300
8
0.40
2
X
DME2206-223
Medium
325
425
8
0.40
3
X
DME2206-253
Medium
325
425
8
0.40
3
X
DMJ2209-223
High
550
650
8
0.40
4
X
DMJ2209-253
High
550
650
8
0.40
4
Ku
DMF2184-223
Low
260
330
13
0.25
2
Ku
DMF2184-253
Low
260
330
13
0.25
2
Ku
DME2207-223
Medium
350
450
13
0.25
3
Ku
DME2207-253
Medium
350
450
13
0.25
3
Ku
DMJ2210-223
High
500
680
13
0.25
4
Ku
DMJ2210-253
High
500
680
13
0.25
4
K, Ka
DMF2834-223
Low
270
350
18
0.2
2
K, Ka
DME2864-223
Medium
375
550
18
0.2
3
K, Ka
DMJ2836-223
High
600
700
18
0.2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com