Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DME2829-252 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # DME2829-252
Description  Silicon Beam-Lead Schottky Mixer Diodes – Singles, Pairs, and Quads in Ceramic Hermetic Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DME2829-252 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button DME2829-252 Datasheet HTML 5Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 6Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 7Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 8Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 9Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 10Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 11Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 12Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DATA SHEET • DME, DMF, DMJ SERIES SCHOTTKY MIXER DIODES
Phone [408] 946-1968 • Fax [408] 946-1960 • hirel.sales@skyworksinc.com • www.skyworksinc.com
203261B • Isolink Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 18, 2017
9
Table 9. Electrical Specifications: Epoxy Packaged Octo Quad Ring, N-Type Low, Medium, High Drive Schottky Diodes
Frequency
Band
Part Number
Barrier
VF @ 1.0 mA
(mV)
Rs
@ 5.0 mA
(
Ω)
Total
Capacitance
(CT) @ 0 V
(pF)
VB @ 10 uA
(V)
Minimum
Maximum
Maximum
Maximum
Minimum
S to X
DMF3938-257
Low
400
520
16
0.40
4
S to X
DME3939-257
Medium
600
800
16
0.40
6
S to X
DMJ3940-257
High
1000
1200
16
0.40
8
Typical Performance Characteristics
0.001
0
120
240
360
480
600
Forward Voltage (mV)
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10.0
N Type
Medium Drive
(DME)
N Type Low
Drive (DMF)
P Type Zero
Bias
Figure 1. Typical Forward DC Characteristic Curves
(Voltage vs Current)
100
Local Oscillator Driver (mW)
200
300
400
500
600
700
ZIF
(
Ω)
6
7
8
9
10
11
12
NF
(dB)
0
1.0
2.0
3.0
4.0
5.0
6.0
0
0.05 0.1 0.2 0.5
1
2
5
10
ZIF
NF
CC
(mA)
CC
Figure 3. Typical X-Band Low Drive Mixer Diode RF Parameters vs
Local Oscillator Drive
0.001
0
0.480
0.960
1.440
1.920
2.400
Forward Voltage (mV)
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10.0
N-Type High
Driver (DMJ)
1 Junction
N-Type High
Driver (DMJ)
2 Junctions
N-Type High
Driver (DMJ)
3 Junctions
Figure 2. Typical Forward DC Characteristic Curves
(Voltage vs current)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com