Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DME2829-252 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # DME2829-252
Description  Silicon Beam-Lead Schottky Mixer Diodes – Singles, Pairs, and Quads in Ceramic Hermetic Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DME2829-252 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  DME2829-252 Datasheet HTML 1Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 2Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 3Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 4Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 5Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 6Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 7Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 8Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DATA SHEET • DME, DMF, DMJ SERIES SCHOTTKY MIXER DIODES
Phone [408] 946-1968 • Fax [408] 946-1960 • hirel.sales@skyworksinc.com • www.skyworksinc.com
203261B • Isolink Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 18, 2017
2
Table 2. Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Maximum current
Imax
100
mA
Power dissipation (continuous wave)
Pd
75
mW/junction
Storage temperature
TSTG
–65
+175
C
Operating temperature
TA
–65
+175
C
Electrostatic discharge:
Human Body Model (HBM), Class 0
ESD
< 250
V
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although these devices are designed to be as robust as possible, electrostatic discharge (ESD) can damage them. These
devices must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the
human body or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all
times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com