Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DME2829-252 Datasheet(PDF) 13 Page - Skyworks Solutions Inc.

Part # DME2829-252
Description  Silicon Beam-Lead Schottky Mixer Diodes – Singles, Pairs, and Quads in Ceramic Hermetic Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DME2829-252 Datasheet(HTML) 13 Page - Skyworks Solutions Inc.

Back Button DME2829-252 Datasheet HTML 9Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 10Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 11Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 12Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 13Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 14Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 15Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 16Page - Skyworks Solutions Inc. DME2829-252 Datasheet HTML 17Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DATA SHEET • DME, DMF, DMJ SERIES SCHOTTKY MIXER DIODES
Phone [408] 946-1968 • Fax [408] 946-1960 • hirel.sales@skyworksinc.com • www.skyworksinc.com
203261B • Isolink Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 18, 2017
13
Schematic
3
4
1
2
1
2
3
4
Ceramic
Colored Dot
Denotes Lead 1
0.068 (1.73 mm)
0.064 (1.63 mm)
Metal
0.022 (0.56 mm)
0.018 (0.46 mm)
4 Plcs.
45° Ref.
0.042 (1.07 mm)
0.028 (0.71 mm)
0.005 (0.13 mm)
0.003 (0.08 mm)
4 Plcs.
0.070 Sq.
(1.78mm)
0.185 (4.70 mm)
0.145 (3.68 mm)
4 Plcs.
Figure 9. -224 Package Dimensions
Schematic
3
4
1
2
0.068 (1.73 mm)
0.064 (1.63 mm)
Dia.
0.022 (0.56 mm)
0.018 (0.46 mm)
4 Plcs.
1
4
2
3
0.185 (4.70 mm)
0.145 (3.68 mm)
4 Plcs.
0.005 (0.13 mm)
0.003 (0.08 mm)
4 Plcs.
0.042 (1.07 mm)
0.028 (0.71 mm)
0.070 (1.78 mm)
Sq.
Figure 10. -225 Package Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com