Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-1YCPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4937-1YCPZ-R2
Description  Ultra-Low Distortion Differential ADC Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-1YCPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADA4937-1YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Preliminary Technical Data
ADA4937-1
Rev. PrA | Page 3 of 9
SPECIFICATIONS
5 V OPERATION
At 25°C, +VS = 5 V, -VS = 0 V, VOCM = 2.5 V, RG = RF = 200 Ω, G = +1, RL, dm = 1 kΩ, unless otherwise noted. All specifications refer to
single-ended input and differential outputs, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
±DIN TO ±OUT PERFORMANCE
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VOUT = 0.5 V p-p, Differential Input
1600
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 2 V p-p, Differential Input
125
MHz
Large Signal Bandwidth
VOUT = 2 V p-p, Differential Input
1400
MHz
VOUT = 4 V p-p, Differential Input
500
MHz
Slew Rate
VOUT = 2 V p-p
5000
V/μs
Settling Time
0.01%, VOUT = 2 Vp-p
8
ns
Overdrive Recovery Time
VIN = 2.5 V to 0 V step, G = +2
4
ns
NOISE/HARMONIC PERFORMANCE1
Second Harmonic
VOUT = 2 V p-p, 10 MHz
−121
dBc
VOUT = 2 V p-p, 70 MHz
−81
dBc
VOUT = 2 V p-p, 100 MHz
−72
dBc
Third Harmonic
VOUT = 2 V p-p, 10 MHz
−100
dBc
VOUT = 2 V p-p, 70 MHz
−86
dBc
VOUT = 2 V p-p, 100 MHz
−81
dBc
IMD
70 MHz
dBc
IP3
70 MHz
dBm
Voltage Noise (RTI)
2.2
nV/√Hz
Noise Figure
G = +2
12
dB
Input Current Noise
3
pA/√Hz
INPUT CHARACTERISTICS
Offset Voltage
VOS, dm = VOUT, dm/2; VDIN+ = VDIN− = 2.5 V
1
mV
TMIN to TMAX variation
±4
μV/°C
Input Bias Current
−50
−17
μA
TMIN to TMAX variation
−0.01
μA/°C
Input Resistance
Differential
6
MΩ
Common mode
3
MΩ
Input Capacitance
1
pF
Input Common-Mode Voltage
0.3 to 3.0
V
CMRR
∆VOUT, dm/∆VIN, cm; ∆VIN, cm = ±1 V
−72
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Maximum ∆VOUT; single-ended output
1
4
V
Output Current
95
mA
Output Balance Error
∆VOUT, cm/∆VOUT, dm; ∆VOUT, dm = 1 V; 10 MHz
−56
dB
VOCM to ±OUT PERFORMANCE
VOCM DYNAMIC PERFORMANCE
−3 dB Bandwidth
250
MHz
Slew Rate
1300
V/μs
INPUT VOLTAGE NOISE (RTI)
7.5
nV/√Hz
VOCM INPUT CHARACTERISTICS
Input Voltage Range
1.2
3.8
V
Input Resistance
10
kΩ
Input Offset Voltage
VOS, cm = VOUT, cm; VDIN+ = VDIN– = 2.5 V
1
3.5
mV
Input Bias Current
0.5
μA
VOCM CMRR
∆VOUT, dm/∆VOCM; ∆VOCM = ±1 V
−75
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com