Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-1YCPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4937-1YCPZ-R2
Description  Ultra-Low Distortion Differential ADC Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-1YCPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

  ADA4937-1YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Preliminary Technical Data
ADA4937-1
Rev. PrA | Page 7 of 9
ABSOLUTE MAXIMUM RATINGS
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive. The quiescent power is the
voltage between the supply pins (V
Table 3.
Parameter
Rating
Supply Voltage
TBD
S
) times the quiescent
current (I
Power Dissipation
See Figure 2
S
). The power dissipated due to the load drive depends
upon the particular application. The power due to load drive is
calculated by multiplying the load current by the associated
voltage drop across the device. RMS voltages and currents must
be used in these calculations.
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +105°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Airflow increases heat dissipation, effectively reducing θ
Stresses above those listed under Absolute Maximum
Rating may cause permanent damage to the device. This is
a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the
operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
JA
. In
addition, more metal directly in contact with the package
leads/exposed pad from metal traces, through-holes, ground,
and power planes reduces the θ .
JA
Figure 2 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the 16-lead LFCSP
(TBD °C/W) on a JEDEC standard 4-layer board.
THERMAL RESISTANCE
θ is specified for the worst-case conditions; that is, θ
JA
JA
is
specified for a device (including exposed pad) soldered to
the circuit board.
Table 4. Thermal Resistance
Package Type
θ
Unit
JA
16-Lead LFCSP (Exposed Pad)
TBD
°C/W
Maximum Power Dissipation
The maximum safe power dissipation in the ADA4937-1
package is limited by the associated rise in junction
temperature (TJ) on the die. At approximately 150°C, which
is the glass transition temperature, the plastic changes its
properties. Even temporarily exceeding this temperature
limit can change the stresses that the package exerts on the
die, permanently shifting the parametric performance of
the ADA4937-1. Exceeding a junction temperature of 150°C
for an extended period can result in changes in the silicon
devices, potentially causing failure.
Figure 2. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com