Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-1YCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4937-1YCPZ-R2
Description  Ultra-Low Distortion Differential ADC Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-1YCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4937-1YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ultra-Low Distortion
Differential ADC Driver
Preliminary Technical Data
ADA4937-1
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Extremely low harmonic distortion
−100 dBc SFDR @ 10 MHz
−81 dBc SFDR @ 70 MHz
−72 dBc SFDR @ 100 MHz
Low input voltage noise: 2.2 nV/√Hz
High speed
−3 dB bandwidth of 1.6 GHz, G = 1
Slew rate: 5000 V/μs
0.1 dB gain flatness to 125 MHz
Fast settling to 0.01% in 8 ns
Fast overdrive recovery of 4 ns
1 mV typical offset voltage
Externally adjustable gain
Differential to differential or single-ended to differential
operation
Adjustable output common-mode voltage
Single supply operation: +3.3 V to +5 V
Pb-free 3 mm x 3 mm LFCSP package
APPLICATIONS
ADC drivers
Single-ended-to-differential converters
IF and baseband gain blocks
Differential buffers
Line drivers
FUNCTIONAL BLOCK DIAGRAM
+
–
Figure 1.
GENERAL DESCRIPTION
The ADA4937-1 is a low noise, ultra-low distortion, high speed
differential amplifier. It is an ideal choice for driving high
performance ADCs with resolutions up to 16 bits from dc to
100 MHz. The adjustable level of the output common mode
allows the ADA4937-1 to match the input of the ADC. The
internal common mode feedback loop also provides exceptional
output balance as well as suppression of even-order harmonic
distortion products.
Full differential and single-ended to differential gain
configurations are easily realized with the ADA4937-1. A
simple external feedback network of four resistors determines
the amplifier’s closed-loop gain.
The ADA4937-1 is fabricated using ADI’s proprietary third
generation XFCB process, enabling it to achieve very low levels
of distortion with input voltage noise of only 2.2 nV/√Hz. The
low dc offset and excellent dynamic performance of the
ADA4937-1 make it well suited for a wide variety of data
acquisition and signal processing and applications.
The ADA4937-1 is available in a Pb-free, 3 mm x 3mm lead
frame chip scale package (LFCSP). It is specified to operate
over the temperature range of −40°C to +105°C.


Similar Part No. - ADA4937-1YCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4937-1YCPZ-R2 AD-ADA4937-1YCPZ-R2 Datasheet
627Kb / 28P
Ultralow Distortion, Differential ADC Driver
5/07-Revision 0
ADA4937-1YCPZ-R2 AD-ADA4937-1YCPZ-R2 Datasheet
591Kb / 28P
Ultralow Distortion Differential ADC Driver
Rev. F
ADA4937-1YCPZ-R2 AD-ADA4937-1YCPZ-R2 Datasheet
590Kb / 28P
Ultralow Distortion Differential ADC Driver
Rev. F
More results

Similar Description - ADA4937-1YCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
Low Distortion Differential ADC Driver
3/03-Data Sheet changed from REV. D to REV. E.
ADA4938-1 AD-ADA4938-1_06 Datasheet
278Kb / 9P
Ultra-Low Distortion Differential ADC Driver
Dec-2006
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
Low Distortion Differential ADC Driver
Rev. F
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
Ultra-Low Distortion Differential ADC Driver
05/07-Rev. PrC to Rev. PrD
ADA4960-1 AD-ADA4960-1 Datasheet
115Kb / 6P
Low Distortion Ultrahigh Speed Differential ADC Driver
Rev. PrB
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
Low Distortion Differential ADC Driver
Rev. F
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
logo
Texas Instruments
LMP8350 TI1-LMP8350_16 Datasheet
1Mb / 36P
Ultra-Low Distortion Fully-Differential Precision ADC Driver
logo
Analog Devices
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
Low Distortion, Differential ADC Driver
Rev. G
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
Ultralow Distortion Differential ADC Driver
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com