Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-1YCPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4937-1YCPZ-R2
Description  Ultra-Low Distortion Differential ADC Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-1YCPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADA4937-1YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4937-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ADA4937-1
Preliminary Technical Data
Rev. PrA | Page 4 of 9
Parameter
Conditions
Min
Typ
Max
Unit
Gain
∆VOUT, cm/∆VOCM; ∆VOCM = ±1 V
1
V/V
POWER SUPPLY
Operating Range
3
5.5
V
Quiescent Current
36
mA
TMIN to TMAX variation
25
μA/°C
Powered down
< 0.2
mA
Power Supply Rejection Ratio
∆VOUT, dm/∆VS; ∆VS = ±1 V
−90
dB
POWER DOWN (PD)
PD Input Voltage
Powered down
≤ 1
V
Enabled
≥ 2
V
Turn-Off Time
1
μs
Turn-On Time
200
ns
PD Bias Current
Enabled
PD = 5 V
40
μA
Disabled
PD = 0 V
200
μA
OPERATING TEMPERATURE RANGE
−40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com