Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004/D Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # DSP56004/D
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004/D Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button DSP56004/D Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
2-6
DSP56004/D, Rev. 3
MOTOROLA
Specifications
Phase Lock Loop (PLL) Characteristics
PHASE LOCK LOOP (PLL) CHARACTERISTICS
3
External Clock Cycle Time1
• with PLL disabled
• with PLL enabled
ETC
20
20
∞
409600
15.15
15.15
∞
409600
12.3
12.3
∞
409600
ns
ns
4
Instruction Cycle Time = Icyc = 2 × TC
1
• with PLL disabled
• with PLL enabled
ICYC
40
40
∞
819200
30.3
30.3
∞
819200
24.7
24.7
∞
819200
ns
ns
Note:
1.
External Clock Input High and External Clock Input Low are measured at 50% of the input transition.
Figure 2-1 External Clock Timing
Table 2-6
Phase Lock Loop (PLL) Characteristics
Characteristics
Expression
Min
Max
Unit
VCO frequency when PLL enabled
MF
× Ef
10
f1
MHz
PLL external capacitor
(PCAP pin to VCCP)
MF
× C
PCAP
1
@ MF
≤ 4
@ MF > 4
MF
× 340
MF
× 380
MF
× 480
MF
× 970
pF
pF
Note:
1.
Cpcap is the value of the PLL capacitor (connected between PCAP pin and VCCP) for MF = 1.
The recommended value for Cpcap is 400 pF for MF
≤ 4 and 540 pF for MF > 4.
The maximum VCO frequency is limited to the internal operation frequency, defined in Table 2-4.
Table 2-5
External Clock (EXTAL Pin) (Continued)
No.
Characteristics
Sym.
50 MHz
66 MHz
81 MHz
Unit
Min
Max
Min
Max
Min
Max
ETH
ETL
ETC
EXTAL
1
2
3
4
AA0250
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com