Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004/D Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # DSP56004/D
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004/D Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button DSP56004/D Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
2-16
DSP56004/D, Rev. 3
MOTOROLA
Specifications
External Memory Interface (EMI) DRAM Refresh Timing
EXTERNAL MEMORY INTERFACE (EMI) DRAM REFRESH TIMING
(CL = 50 pF + 2 TTL Loads)
Table 2-9
External Memory Interface (EMI) DRAM Refresh Timing
No.
Characteristics
Sym.
Timing
Mode
Exp.
50 MHz
66 MHz
81 MHz
Unit
Min Max Min Max Min
Max
81 RAS Deassertation to
RAS Assertion
tRP
slow
fast
6
× T
C – 7
4
× T
C – 7
113
73
—
—
84
54
—
—
67.1
42.4
—
—
ns
ns
82 CAS Deassertation to
CAS Assertion
tCPN
slow
fast
5
× T
C – 7
3
× T
C – 7
93
53
—
—
71
38
—
—
54.7
30
—
—
ns
ns
83 Refresh Cycle Time
tRC
slow
fast
12
× T
C
8
× T
C
240
160
—
—
181.8
121.2
—
—
148.2
98.8
—
—
ns
ns
84 RAS Assertion Pulse
Width
tRAS
slow
fast
6
× T
C – 9
4
× T
C – 9
111
71
—
—
81.9
51.6
—
—
65.1
40.4
—
—
ns
ns
85 RAS Deassertation to
RAS Assertion for
Refresh Cycle1
tRP
slow
fast
5
× T
C – 5
3
× T
C – 5
95
55
—
—
70
40
—
—
55.7
32
—
—
ns
ns
86 CAS Assertion to RAS
Assertion on Refresh
Cycle
tCSR
TC – 7
13
—
8
—
5.3
—
ns
87 RAS Assertion to CAS
Deassertation on
Refresh Cycle
tCHR
slow
fast
6
× T
C – 15
4
× T
C – 15
105
65
—
—
75.9
45.6
—
—
59.1
34.4
—
—
ns
ns
88 RAS Deassertation to
CAS Assertion on a
Refresh Cycle
tRPC
slow
fast
5
× T
C – 11
3
× T
C – 11
89
49
—
—
65
34
—
—
50.7
26
—
—
ns
ns
89 CAS Deassertation to
Data Not Valid
tOFF
0
0—0
—
0
—
ns
Note:
1.
This happens when a Refresh Cycle is followed by an Access Cycle.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com