Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004/D Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # DSP56004/D
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004/D Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button DSP56004/D Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
Specifications
Serial Host Interface (SHI) I2C Protocol Timing
MOTOROLA
DSP56004/D, Rev. 3
2-31
The Programmed Serial Clock Cycle, tI2CCP, is specified by the value of the HDM5–
HDM0 and HRS bits of the HCKR (SHI Clock control Register).
The expression for tI2CCP is:
where
•
HRS is the Prescaler Rate Select bit. When HRS is cleared, the fixed divide-by-
eight prescaler is operational. When HRS is set, the prescaler is bypassed.
•
HDM5–HDM0 are the Divider Modulus Select bits.
•
A divide ratio from 1 to 64 (HDM5–HDM0 = 0 to $3F) may be selected.
In I2C mode, you may select a value for the Programmed Serial Clock Cycle from
6
× T
C
(HDM5–HDM0 = 2, HRS = 1)
to
1024
× T
C
(HDM5–HDM0 = $3F, HRS = 0).
The DSP56004 provides an improved I2C bus protocol. In addition to supporting the
100 kHz I2C bus protocol, the SHI in I2C mode supports data transfers at up to 1000
kHz. The actual maximum frequency is limited by the bus capacitances (CL),the pull-
up resistors (RP), (which affect the rise and fall time of SDA and SCL, (see table
below)), and by the input filters.
Consideration for programming the SHI Clock Control Register (HCKR) – Clock
Divide Ratio: the master must generate a bus free time greater than T172 slave when
operating with a DSP56004 SHI I2C slave.
The table below describes a few examples:
Table 2-14
Considerations for Programming the SHI Clock control Register (HCKR)
Conditions to be Considered
Resulting Limitations
Bus Load
Master
Oper-
ating
Freq.
Slave
Oper-
ating
Freq.
Master
Filter
Mode
Slave
Filter
Mode
T172
Slave
Min.
Perm-
issible
tI2CCP
T172
Master
Maximum
I2C Serial
Frequency
CL = 50 pF,
RP = 2 kΩ
81 MHz 81 MHz
Bypassed
Narrow
Wide
Bypassed
Narrow
Wide
36 ns
60 ns
95 ns
52
× T
C
56
× T
C
62
× T
C
41 ns
66 ns
103 ns
1010 kHz
825 kHz
634 kHz
t
I
2
CCP
Tc
2
×
HDM[5:0]
1
+
()
×
7
1
HRS
–
()
×
1
+
()
×
[]
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com