Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004/D Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # DSP56004/D
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004/D Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button DSP56004/D Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
Signal/Connection Descriptions
Power
MOTOROLA
DSP56004/D, Rev. 3
1-3
POWER
GROUND
Table 1-2
Power Inputs
Power Name
Description
VCCP
PLL Power
—VCCP provides isolated power for the Phase Lock Loop (PLL). The
voltage should be well-regulated and the input should be provided with an
extremely low impedance path to the VCC power rail.
VCCQ
Quiet Power
—VCCQ provides isolated power for the internal processing logic. This
input must be tied externally to all other chip power inputs. The user must provide
adequate external decoupling capacitors.
VCCA
Address Bus Power
—VCCA provides isolated power for sections of the address bus
I/O drivers. This input must be tied externally to all other chip power inputs. The
user must provide adequate external decoupling capacitors.
VCCD
Data Bus Power
—VCCD provides isolated power for sections of the data bus I/O
drivers. This input must be tied externally to all other chip power inputs. The user
must provide adequate external decoupling capacitors.
VCCS
Serial Interface Power
—VCCS provides isolated power for the SHI and SAI. This
input must be tied externally to all other chip power inputs. The user must provide
adequate external decoupling capacitors.
Table 1-3
Grounds
Ground Name
Description
GNDP
PLL Ground
—GNDP is ground dedicated for PLL use. The connection should be
provided with an extremely low-impedance path to ground. VCCP should be
bypassed to GNDP by a 0.47 µF capacitor located as close as possible to the chip
package.
GNDQ
Quiet Ground
—GNDQ provides isolated ground for the internal processing logic.
This connection must be tied externally to all other chip ground connections. The
user must provide adequate external decoupling capacitors.
GNDA
Address Bus Ground
—GNDA provides isolated ground for sections of the address
bus I/O drivers. This connection must be tied externally to all other chip ground
connections. The user must provide adequate external decoupling capacitors.
GNDD
Data Bus Ground
—GNDD provides isolated ground for sections of the data bus I/O
drivers. This connection must be tied externally to all other chip ground
connections. The user must provide adequate external decoupling capacitors.
GNDS
Serial Interface Ground
—GNDS provides isolated ground for the SHI and SAI. This
connection must be tied externally to all other chip ground connections. The user
must provide adequate external decoupling capacitors.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com