Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86MH1F Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T86MH1F
Description  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86MH1F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T86MH1F Datasheet HTML 9Page - STMicroelectronics M48T86MH1F Datasheet HTML 10Page - STMicroelectronics M48T86MH1F Datasheet HTML 11Page - STMicroelectronics M48T86MH1F Datasheet HTML 12Page - STMicroelectronics M48T86MH1F Datasheet HTML 13Page - STMicroelectronics M48T86MH1F Datasheet HTML 14Page - STMicroelectronics M48T86MH1F Datasheet HTML 15Page - STMicroelectronics M48T86MH1F Datasheet HTML 16Page - STMicroelectronics M48T86MH1F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
M48T86
Operation
13/36
Table 2.
AC characteristics
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V (except where noted).
M48T86
Unit
Min
Typ
Max
tCYC
Cycle time
160
ns
tDSL
Pulse width, data strobe low or R/W high
80
ns
tDSH
Pulse width, data strobe high or R/W low
55
ns
tRWH
R/W hold time
0
ns
tRWS
R/W setup time
10
ns
tCS
Chip select setup time
5
ns
tCH
Chip select hold time
0
ns
tDHR
READ data hold time
0
25
ns
tDHW
WRITE data hold time
0
ns
tAS
Address setup time
20
ns
tAH
Address hold time
5
ns
tDAS
Delay time, data strobe to address strobe
rise
10
ns
tASW
Pulse width address strobe high
30
ns
tASD
Delay time, address strobe to data strobe
rise
35
ns
tOD
Output data delay time from data strobe
rise
50
ns
tDW
WRITE setup time
30
ns
tBUC
Delay time before update cycle
244
µs
tPI
(2)
2.
See Table 4 on page 18.
Periodic interrupt time interval
–
–
–
tUC
Time of update cycle
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com