Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86MH1F Datasheet(PDF) 29 Page - STMicroelectronics

Part # M48T86MH1F
Description  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86MH1F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M48T86MH1F Datasheet HTML 25Page - STMicroelectronics M48T86MH1F Datasheet HTML 26Page - STMicroelectronics M48T86MH1F Datasheet HTML 27Page - STMicroelectronics M48T86MH1F Datasheet HTML 28Page - STMicroelectronics M48T86MH1F Datasheet HTML 29Page - STMicroelectronics M48T86MH1F Datasheet HTML 30Page - STMicroelectronics M48T86MH1F Datasheet HTML 31Page - STMicroelectronics M48T86MH1F Datasheet HTML 32Page - STMicroelectronics M48T86MH1F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
M48T86
DC and AC parameters
29/36
Figure 16.
SOH28 – 28-lead plastic small outline, 4-socket SNAPHAT, package
outline
Note:
Drawing is not to scale.
Table 15.
PCDIP24 – 24-pin plastic DIP, battery CAPHAT, package mechanical data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
8.89
9.65
0.3500
0.3799
A1
0.38
0.76
0.0150
0.0299
A2
8.36
8.89
0.3291
0.3500
B
0.38
053
0.0150
0.0209
B1
1.14
1.78
0.0449
0.0701
C
0.20
0.31
0.0079
0.0122
D
34.29
34.80
1.3500
1.3701
E
17.83
18.34
0.7020
0.7220
e1
2.29
2.79
0.0902
0.1098
e3
25.15
30.73
0.9902
1.2098
eA
15.24
16.00
0.6000
0.6299
L
3.05
3.81
0.1201
0.1500
N24
24
SOH-A
E
N
D
C
L
A1
α
1
H
A
CP
Be
A2
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com