Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86MH1F Datasheet(PDF) 14 Page - STMicroelectronics

Part # M48T86MH1F
Description  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86MH1F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M48T86MH1F Datasheet HTML 10Page - STMicroelectronics M48T86MH1F Datasheet HTML 11Page - STMicroelectronics M48T86MH1F Datasheet HTML 12Page - STMicroelectronics M48T86MH1F Datasheet HTML 13Page - STMicroelectronics M48T86MH1F Datasheet HTML 14Page - STMicroelectronics M48T86MH1F Datasheet HTML 15Page - STMicroelectronics M48T86MH1F Datasheet HTML 16Page - STMicroelectronics M48T86MH1F Datasheet HTML 17Page - STMicroelectronics M48T86MH1F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Clock operations
M48T86
14/36
Clock operations
Address map
The address map of the M48T86 is shown in Figure 8. It consists of 114 bytes of user RAM,
10 bytes of RAM that contain the RTC time, calendar and alarm data, and 4 bytes which are
used for control and status. All bytes can be read or written to except for the following:
1.
Registers C & D are “Read only.”
2.
Bit 7 of Register A is “Read only.”
The contents of the four Registers A, B, C, and D are described in the “Registers” section.
Time, calendar, and alarm locations
The time and calendar information is obtained by reading the appropriate memory bytes.
The time, calendar, and alarm registers are set or initialized by writing the appropriate RAM
bytes. The contents of the time, calendar, and alarm bytes can be either Binary or Binary-
Coded Decimal (BCD) format. Before writing the internal time, calendar, and alarm register,
the SET Bit (Register B; Bit 7) should be written to a logic '1.' This will prevent updates from
occurring while access is being attempted. In addition to writing the time, calendar, and
alarm registers in a selected format (binary or BCD), the Data Mode (DM) Bit (Register B;
Bit 2), must be set to the appropriate logic level ('1' signifies binary data; '0' signifies Binary
Coded Decimal (BCD data). All time, calendar, and alarm bytes must use the same data
mode. The SET Bit should be cleared after the Data Mode Bit has been written to allow the
Real Time Clock to update the time and calendar bytes. Once initialized, the Real Time
Clock makes all updates in the selected mode. The data mode cannot be changed without
reinitializing the ten data bytes. Table3 on page15 shows the binary and BCD formats of
the time, calendar, and alarm locations. The 24/12 Bit (Register B; Bit 1) cannot be changed
without reinitializing the hour locations. When the 12-hour format is selected, a logic '1' in
the high order bit of the hours byte represents PM. The time, calendar, and alarm bytes are
always accessible because they are double-buffered. Once per second the ten bytes are
advanced by one second and checked for an alarm condition. If a READ of the time and
calendar data occurs during an update, a problem exists where data such as seconds,
minutes, or hours may not correlate. However, the probability of reading incorrect time and
calendar data is low. Methods of avoiding possible incorrect time and calendar READs are
reviewed later in this text.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com