Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86MH1F Datasheet(PDF) 19 Page - STMicroelectronics

Part # M48T86MH1F
Description  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86MH1F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M48T86MH1F Datasheet HTML 15Page - STMicroelectronics M48T86MH1F Datasheet HTML 16Page - STMicroelectronics M48T86MH1F Datasheet HTML 17Page - STMicroelectronics M48T86MH1F Datasheet HTML 18Page - STMicroelectronics M48T86MH1F Datasheet HTML 19Page - STMicroelectronics M48T86MH1F Datasheet HTML 20Page - STMicroelectronics M48T86MH1F Datasheet HTML 21Page - STMicroelectronics M48T86MH1F Datasheet HTML 22Page - STMicroelectronics M48T86MH1F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
M48T86
Clock operations
19/36
Register A
UIP update in progress
The Update in Progress (UIP) Bit is a status flag that can be monitored. When the UIP Bit is
'1,' the update transfer will soon occur (see Figure 9). When UIP is a '0,' the update transfer
will not occur for at least 244µs. The time, calendar, and alarm information in RAM is fully
available for access when the UIP Bit is '0.' The UIP Bit is “Read only” and is not affected by
RST. Writing the SET Bit in Register B to a '1' inhibits any update transfer and clears the
UIP Status Bit.
OSC0, OSC1, OSC2 oscillator control
These three bits are used to control the oscillator and reset the countdown chain. A pattern
of “010” enables operation by turning on the oscillator and enabling the divider chain. A
pattern of 11X turns the oscillator on, but keeps the frequency divider disabled. When “010”
is written, the first update begins after 500ms.
RS3, RS2, RS1, RS0
These four rate-selection bits select one of the 13 taps on the 15-stage divider or disable the
divider output. The tap selected may be used to generate an output square wave (SQW pin)
and/or a periodic interrupt. The user may do one of the following:
1.
Enable the interrupt with the PIE Bit;
or
2.
Enable the SQW output with the SQWE Bit;
or
3.
Enable both at the same time and same rate;
or
4.
Enable neither.
Table 4 on page 18 lists the periodic interrupt rates and the square wave frequencies that
may be chosen with the RS Bits. These four READ/WRITE bits are not affected by RST.
Table 5.
Register A MSB
Figure 9.
Update period timing and UIP
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
UIP
OSC2
OSC1
OSC0
RS3
RS2
RS1
RS0
AI01651
UIP
UPDATE PERIOD (1sec)
tBUC
tUC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com