Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128HT85ZB5E Datasheet(PDF) 53 Page - STMicroelectronics

Part # M58LR128HT85ZB5E
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5E Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M58LR128HT85ZB5E Datasheet HTML 49Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 50Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 51Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 52Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 53Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 54Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 55Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 56Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 112 page
background image
M58LR128HT, M58LR128HB
Program and erase times and endurance cycles
53/112
10
Program and erase times and endurance cycles
The Program and Erase times and the number of Program/ Erase cycles per block are
shown in Table 17. Exact erase times may change depending on the memory array
condition. The best case is when all the bits in the block are at ‘0’ (pre-programmed). The
worst case is when all the bits in the block are at ‘1’ (not preprogrammed). Usually, the
system overhead is negligible with respect to the erase time. In the M58LR128HT/B the
maximum number of Program/Erase cycles depends on the VPP voltage supply used.
Table 17.
Program/Erase times and endurance cycles(1) (2)
Parameter
Condition
Min
Typ
Typical after
100kW/E
Cycles
Max
Unit
Erase
Parameter Block (16 KWord)
0.4
1
2.5
s
Main Block (64
KWord)
Preprogrammed
1.2
3
4
s
Not Preprogrammed
1.5
4
s
Program(3)
Single Word
Word Program
12
180
µs
Buffer Program
12
180
µs
Buffer (32 Words) (Buffer Program)
384
µs
Main Block (64 KWord)
768
ms
Suspend Latency
Program
5
10
µs
Erase
5
20
µs
Program/Erase Cycles
(per Block)
Main Blocks
100,000
cycles
Parameter Blocks
100,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com