Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128HT85ZB5E Datasheet(PDF) 13 Page - STMicroelectronics

Part # M58LR128HT85ZB5E
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M58LR128HT85ZB5E Datasheet HTML 9Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 10Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 11Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 12Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 13Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 14Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 15Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 16Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
M58LR128HT, M58LR128HB
Signal descriptions
13/112
2.7
Reset (RP)
The Reset input provides a hardware reset of the memory. When Reset is at VIL, the
memory is in reset mode: the outputs are high impedance and the current consumption is
reduced to the Reset Supply Current IDD2. Refer to Table 21: DC characteristics - currents,
for the value of IDD2. After Reset all blocks are in the Locked state and the Configuration
Register is reset. When Reset is at VIH, the device is in normal operation. Exiting reset
mode the device enters asynchronous read mode, but a negative transition of Chip Enable
or Latch Enable is required to ensure valid data outputs.
The Reset pin can be interfaced with 3 V logic without any additional circuitry. It can be tied
to VRPH (refer to Table 22: DC characteristics - voltages).
2.8
Latch Enable (L)
Latch Enable latches the address bits on its rising edge. The address latch is transparent
when Latch Enable is at VIL and it is inhibited when Latch Enable is at VIH.
2.9
Clock (K)
The clock input synchronizes the memory to the microcontroller during synchronous read
operations; the address is latched on a Clock edge (rising or falling, according to the
configuration settings) when Latch Enable is at VIL. Clock is ignored during asynchronous
read and in write operations.
2.10
Wait (WAIT)
Wait is an output signal used during synchronous read to indicate whether the data on the
output bus are valid. This output is high impedance when Chip Enable is at VIH or Reset is
at VIL. It can be configured to be active during the wait cycle or one clock cycle in advance.
The WAIT signal is high impedance when Output Enable is at VIH.
2.11
VDD supply voltage
VDD provides the power supply to the internal core of the memory device. It is the main
power supply for all operations (Read, Program and Erase).
2.12
VDDQ supply voltage
VDDQ provides the power supply to the I/O pins and enables all Outputs to be powered
independently from VDD. VDDQ can be tied to VDD or can use a separate supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com