Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128HT85ZB5E Datasheet(PDF) 20 Page - STMicroelectronics

Part # M58LR128HT85ZB5E
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5E Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M58LR128HT85ZB5E Datasheet HTML 16Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 17Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 18Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 19Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 20Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 21Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 22Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 23Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 112 page
background image
Command interface
M58LR128HT, M58LR128HB
20/112
4.5
Clear Status Register command
The Clear Status Register command can be used to reset (set to ‘0’) all error bits (SR1, 3, 4
and 5) in the Status Register.
One Bus Write cycle is required to issue the Clear Status Register command. The Clear
Status Register command does not affect the read mode of the bank.
The error bits in the Status Register do not automatically return to ‘0’ when a new command
is issued. The error bits in the Status Register should be cleared before attempting a new
program or erase command.
4.6
Block Erase command
The Block Erase command is used to erase a block. It sets all the bits within the selected
block to ’1’. All previous data in the block is lost.
If the block is protected then the erase operation will abort, the data in the block will not be
changed and the Status Register will output the error.
Two Bus Write cycles are required to issue the command.
●
The first bus cycle sets up the Block Erase command.
●
The second latches the block address and starts the Program/Erase Controller.
If the second bus cycle is not the Block Erase Confirm code, Status Register bits SR4 and
SR5 are set and the command is aborted.
Once the command is issued the bank enters Read Status Register mode and any read
operation within the addressed bank will output the contents of the Status Register. A Read
Array command is required to return the bank to Read Array mode.
During Block Erase operations the bank containing the block being erased will only accept
the Read Array, Read Status Register, Read Electronic Signature, Read CFI Query and the
Program/Erase Suspend command, all other commands will be ignored.
The Block Erase operation aborts if Reset, RP, goes to VIL. As data integrity cannot be
guaranteed when the Block Erase operation is aborted, the block must be erased again.
Refer to Dual Operations section for detailed information about simultaneous operations
allowed in banks not being erased.
Typical Erase times are given in Table 17: Program/Erase times and endurance cycles.
See Appendix C, Figure 23: Block Erase flowchart and pseudocode, for a suggested
flowchart for using the Block Erase command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com