Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128HT85ZB5E Datasheet(PDF) 49 Page - STMicroelectronics

Part # M58LR128HT85ZB5E
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5E Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M58LR128HT85ZB5E Datasheet HTML 45Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 46Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 47Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 48Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 49Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 50Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 51Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 52Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
M58LR128HT, M58LR128HB
Dual operations and Multiple Bank architecture
49/112
Table 14.
Dual operations allowed in same bank
Status of bank
Commands allowed in same bank
Read
Array
Read
Status
Register
Read
CFI
Query
Read
Electronic
Signature
Program,
Buffer
Program
Block
Erase
Program
/Erase
Suspend
Program
/Erase
Resume
Idle
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Programming
–(1)
1.
The Read Array command is accepted but the data output is not guaranteed until the Program or Erase
has completed.
Yes
Yes
Yes
–
–
Yes
–
Erasing
–(1)
Yes
Yes
Yes
–
–
Yes
–
Program
Suspended
Yes(2)
2.
Not allowed in the Block that is being erased or in the Word that is being programmed.
Yes
Yes
Yes
–
–
–
Yes
Erase
Suspended
Yes(2)
Yes
Yes
Yes
Yes(1)
––
Yes
Table 15.
Dual operation limitations
Current Status
Commands allowed
Read CFI / OTP /
Electronic
Signature
Read
Parameter
Blocks
Read Main Blocks
Located in
Parameter
Bank
Not Located
in Parameter
Bank
Programming / Erasing
Parameter Blocks
No
No
No
Yes
Programming /
Erasing Main
Blocks
Located in
Parameter
Bank
Yes
No
No
Yes
Not Located
in Parameter
Bank
Yes
Yes
Yes
In Different
Bank Only
Programming OTP
No
No
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com