Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5166
Description  5?묪it Synchronous CPU Controller with Power Good and Current Limit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5166 Datasheet(HTML) 5 Page - ON Semiconductor

  CS5166 Datasheet HTML 1Page - ON Semiconductor CS5166 Datasheet HTML 2Page - ON Semiconductor CS5166 Datasheet HTML 3Page - ON Semiconductor CS5166 Datasheet HTML 4Page - ON Semiconductor CS5166 Datasheet HTML 5Page - ON Semiconductor CS5166 Datasheet HTML 6Page - ON Semiconductor CS5166 Datasheet HTML 7Page - ON Semiconductor CS5166 Datasheet HTML 8Page - ON Semiconductor CS5166 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CS5166
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 8.0 V < VCC < 14 V; 2.0 DAC Code:
(VID4 = VID3 = VID2 = VID1 = 0); CGATE(H) = CGATE(L) = 3.3 nF; COFF = 330 pF; CSS = 0.1 μF, unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Voltage Identification DAC
Accuracy (all codes except 11111)
Measure VFB = COMP (COFF = GND)
25°C ≤ TJ ≤ 125°C; VCC = 12 V
−1.0
−
+1.0
%
VID4
VID3
VID2 VID1 VID0
1
0
0
0
0
−
3.489
3.525
3.560
V
1
0
0
0
1
−
3.390
3.425
3.459
V
1
0
0
1
0
−
3.291
3.325
3.358
V
1
0
0
1
1
−
3.192
3.225
3.257
V
1
0
1
0
0
−
3.093
3.125
3.156
V
1
0
1
0
1
−
2.994
3.025
3.055
V
1
0
1
1
0
−
2.895
2.925
2.954
V
1
0
1
1
1
−
2.796
2.825
2.853
V
1
1
0
0
0
−
2.697
2.725
2.752
V
1
1
0
0
1
−
2.598
2.625
2.651
V
1
1
0
1
0
−
2.499
2.525
2.550
V
1
1
0
1
1
−
2.400
2.425
2.449
V
1
1
1
0
0
−
2.301
2.325
2.348
V
1
1
1
0
1
−
2.202
2.225
2.247
V
1
1
1
1
0
−
2.103
2.125
2.146
V
0
0
0
0
0
−
2.054
2.075
2.095
V
0
0
0
0
1
−
2.004
2.025
2.045
V
0
0
0
1
0
−
1.955
1.975
1.994
V
0
0
0
1
1
−
1.905
1.925
1.944
V
0
0
1
0
0
−
1.856
1.875
1.893
V
0
0
1
0
1
−
1.806
1.825
1.843
V
0
0
1
1
0
−
1.757
1.775
1.792
V
0
0
1
1
1
−
1.707
1.725
1.742
V
0
1
0
0
0
−
1.658
1.675
1.691
V
0
1
0
0
1
−
1.608
1.625
1.641
V
0
1
0
1
0
−
1.559
1.575
1.590
V
0
1
0
1
1
−
1.509
1.525
1.540
V
0
1
1
0
0
−
1.460
1.475
1.489
V
0
1
1
0
1
−
1.410
1.425
1.439
V
0
1
1
1
0
−
1.361
1.375
1.388
V
0
1
1
1
1
−
1.311
1.325
1.338
V
1
1
1
1
1
−
1.219
1.247
1.269
V
Input Threshold
VID4, VID3, VID2, VID1, VID0
1.000
1.250
2.400
V
Input Pull−up Resistance
VID4, VID3, VID2, VID1, VID0
25
50
100
kΩ
Input Pull−up Voltage
4.85
5.00
5.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com