Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166 Datasheet(PDF) 20 Page - ON Semiconductor

Part # CS5166
Description  5?묪it Synchronous CPU Controller with Power Good and Current Limit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5166 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button CS5166 Datasheet HTML 16Page - ON Semiconductor CS5166 Datasheet HTML 17Page - ON Semiconductor CS5166 Datasheet HTML 18Page - ON Semiconductor CS5166 Datasheet HTML 19Page - ON Semiconductor CS5166 Datasheet HTML 20Page - ON Semiconductor CS5166 Datasheet HTML 21Page - ON Semiconductor CS5166 Datasheet HTML 22Page - ON Semiconductor CS5166 Datasheet HTML 23Page - ON Semiconductor CS5166 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
CS5166
http://onsemi.com
20
COMP
ISENSE
VFB
GATE(H)
GATE(L)
PWRGD
VCC
VID0
VID1
VID2
VID3
VID4
PGND
SS
COFF
3.0 mΩ
330 pF
LGND
1.2 μH
0.1 μF
3.3 k
0.1 μF
1000 pF
12 V
1200 μF/
10 V × 5
2.8 V/30 A
Power Supply
1.0 μF
IRL3103S
0.1 μF
PWRGD
VID0
VID1
VID2
VID3
VID4
IRL3103S
1200 μF/10 V × 3
5.0 V
0.1 μF
510
510
COMP
ISENSE
VFB
GATE(H)
GATE(L)
VCC
VID0
VID1
VID2
VID3
VID4
PGND
SS
COFF
LGND
12 V
5.0 V
1200 μF/
10 V × 3
3.0 mΩ
1.0 μF
330 pF
3.3 k
0.1 μF
1.2 μH
IRL3103S
IRL3103S
1000 pF
Figure 31. Current Sharing of a 2.8 V/30 A Power Supply Using Two CS5166 Synchronous Buck Regulators
Droop Resistor Width Calculations
The droop resistor must have the ability to handle the load
current and therefore requires a minimum width which is
calculated as follows (assume one ounce copper thickness):
W +
ILOAD
0.05
where:
W = minimum width (in mils) required for proper power
dissipation, and ILOAD Load Current Amps.
The Pentium II maximum load current is 14.2 A.
Therefore:
W + 14.2 A
0.05 +
284 mils + 0.7213 cm
Droop Resistor Length Calculation
L +
RDROOP
W
t
ò
+ 0.0030
284
1.37
717.86
+ 1626 mil + 4.13 cm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com