Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166 Datasheet(PDF) 15 Page - ON Semiconductor

Part # CS5166
Description  5?묪it Synchronous CPU Controller with Power Good and Current Limit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5166 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button CS5166 Datasheet HTML 11Page - ON Semiconductor CS5166 Datasheet HTML 12Page - ON Semiconductor CS5166 Datasheet HTML 13Page - ON Semiconductor CS5166 Datasheet HTML 14Page - ON Semiconductor CS5166 Datasheet HTML 15Page - ON Semiconductor CS5166 Datasheet HTML 16Page - ON Semiconductor CS5166 Datasheet HTML 17Page - ON Semiconductor CS5166 Datasheet HTML 18Page - ON Semiconductor CS5166 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
CS5166
http://onsemi.com
15
Figure 23. Circuit To Implement A Dedicated OVP
Output Using The CS5166
CS5166
PWRGD
+5.0 V
10 k
Q1
2N3906
2N3904
Q2
20 k
5.0 k
+5.0 V
10 k
10 K
OVP
Q3
2N3906
56 k
15 k
VCORE
R1
R2
Power Good Circuit
The Power Good pin (pin 13) is an open−collector signal
consistent with TTL DC specifications. It is externally
pulled−up, and is pulled low (below 0.3 V) when the
regulator output voltage typically exceeds ± 8.5% of the
nominal output voltage. Maximum output voltage deviation
before Power Good is pulled low is ± 12%.
Figure 24. PWRGD Signal Becomes Logic High as
VOUT Enters −8.5% of Lower PWRGD Threshold,
VOUT = +2.825 V (DAC = 10111)
Trace 4− VOUT (1.0 V/div.)
Trace 2− PWRGD (2.0 V/div.)
Figure 25. Power Good Response to an Out of
Regulation Condition
Trace 4− VFB (1.0 V/div.)
Trace 2− PWRGD (2.0 V/div.)
Figure 25 shows the relationship between the regulated
output voltage VFB and the Power Good signal. To prevent
Power Good from interrupting the CPU unnecessarily, the
CS5166 has a built−in delay to prevent noise at the VFB pin
from toggling Power Good. The internal time delay is
designed to take about 75 μs for Power Good to go low and
65 μs for it to recover. This allows the Power Good signal to
be completely insensitive to out of regulation conditions that
are present for a duration less than the built in delay (see
Figure 26).
It is therefore required that the output voltage attains an out
of regulation or in regulation level for at least the built−in delay
time duration before the Power Good signal can change state.
Figure 26. Power Good is Insensitive to Out of
Regulation Conditions that are Present for a
Duration Less Than the Built In Delay
Trace 4− VFB (1.0 V/div.)
Trace 2− PWRGD (2.0 V/div.)
External Output Enable Circuit
On/off control of the regulator can be implemented
through the addition of two additional discrete components
(see Figure ). This circuit operates by pulling the Soft Start
pin high, and the ISENSE pin low, emulating a current limit
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com