Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5166
Description  5?묪it Synchronous CPU Controller with Power Good and Current Limit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5166 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5166 Datasheet HTML 1Page - ON Semiconductor CS5166 Datasheet HTML 2Page - ON Semiconductor CS5166 Datasheet HTML 3Page - ON Semiconductor CS5166 Datasheet HTML 4Page - ON Semiconductor CS5166 Datasheet HTML 5Page - ON Semiconductor CS5166 Datasheet HTML 6Page - ON Semiconductor CS5166 Datasheet HTML 7Page - ON Semiconductor CS5166 Datasheet HTML 8Page - ON Semiconductor CS5166 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 4
1
Publication Order Number:
CS5166/D
CS5166
5−Bit Synchronous CPU
Controller with Power Good
and Current Limit
The CS5166 is a synchronous dual NFET buck controller. It is
designed to power the core logic of the latest high performance CPUs. It
uses V2™ control method to achieve the fastest possible transient
response and best overall regulation. It incorporates many additional
features required to ensure the proper operation and protection of the
CPU and power system. The CS5166 provides the industry’s most
highly integrated solution, minimizing external component count, total
solution size, and cost.
The CS5166 is specifically designed to power Intel’s Pentium®II
processor and includes the following features: 5−bit DAC with 1.0%
tolerance, Power Good output, adjustable hiccup mode overcurrent
protection, VCC monitor, Soft Start, adaptive voltage positioning,
overvoltage protection, remote sense and current sharing capability.
The CS5166 will operate over a 4.15 to 14 V range using either
single or dual input voltage and is available in a 16 lead wide body
surface mount package.
Features
• V2 Control Topology
• Dual N−Channel Design
• 125 ns Controller Transient Response
• Excess of 1.0 MHz Operation
• 5−Bit DAC with 1.0% Tolerance
• Power Good Output With Internal Delay
• Adjustable Hiccup Mode Overcurrent Protection
• Complete Pentium II System Requires Just 21 Components
• 5.0 V & 12 V Operation
• Adaptive Voltage Positioning
• Remote Sense Capability
• Current Sharing Capability
• VCC Monitor
• Overvoltage Protection (OVP)
• Programmable Soft Start
• 200 ns PWM Blanking
• 65 ns FET Nonoverlap Time
• 40 ns Gate Rise and Fall Times (3.3 nF Load)
CS5166GDWR16
http://onsemi.com
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
CS5166GDW16
SO−16L
46 Units/Rail
SO−16L
1000 Tape & Reel
PIN CONNECTIONS
SO−16L
DW SUFFIX
CASE 751G
MARKING
DIAGRAM
1
CS5166
AWLYYWW
16
VCC
ISENSE
1
16
GATE(H)
COFF
PGND
VID4
GATE(L)
SS
PWRGD
VID3
LGND
VID2
COMP
VID1
VFB
VID0
1
16


Similar Part No. - CS5166

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5166 CHERRY-CS5166 Datasheet
435Kb / 22P
5-Bit Synchronous CPU Controller with Power-Good and Current Limit
Rev. 6/28/99
CS5166GDW16 CHERRY-CS5166GDW16 Datasheet
435Kb / 22P
5-Bit Synchronous CPU Controller with Power-Good and Current Limit
Rev. 6/28/99
CS5166GDWR16 CHERRY-CS5166GDWR16 Datasheet
435Kb / 22P
5-Bit Synchronous CPU Controller with Power-Good and Current Limit
Rev. 6/28/99
CS5166H CHERRY-CS5166H Datasheet
440Kb / 22P
5-Bit Synchronous CPU Controller with Power-Good and Current Limit
Rev. 6/28/99
logo
ON Semiconductor
CS5166H ONSEMI-CS5166H Datasheet
910Kb / 25P
5?묪it Synchronous CPU Controller with Power Good
July, 2006 ??Rev. 3
More results

Similar Description - CS5166

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5166 CHERRY-CS5166 Datasheet
435Kb / 22P
5-Bit Synchronous CPU Controller with Power-Good and Current Limit
Rev. 6/28/99
CS5166H CHERRY-CS5166H Datasheet
440Kb / 22P
5-Bit Synchronous CPU Controller with Power-Good and Current Limit
Rev. 6/28/99
logo
ON Semiconductor
CS5159 ONSEMI-CS5159 Datasheet
607Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5160 ONSEMI-CS5160 Datasheet
584Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5165A ONSEMI-CS5165A Datasheet
497Kb / 18P
5?묪it Synchronous CPU Buck Controller
October, 2005 ??Rev. 1
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5158 ONSEMI-CS5158 Datasheet
607Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
CS5166H ONSEMI-CS5166H Datasheet
910Kb / 25P
5?묪it Synchronous CPU Controller with Power Good
July, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com