Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILI2511 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ILI2511
Description  Single Chip Capacitive Touch Sensor Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ILI2511 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ILI2511 Datasheet HTML 7Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 8Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 9Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 10Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 11Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 12Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 13Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 14Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Capacitive Touch Sensor Controller
ILI2511
Page 11 of 18
Version: 1.05
5.3 DC Characteristics
Table 5-3: Input Power Supply
(VDD3A = VDD3D = 3.3V, Topr = 25ºC)
Item
Symbol
Min
Typ.
Max
Unit
Condition
USB 5V input power supply voltage
VDD5V
4.4
5
5.5
V
@ USB
Digital input power supply voltage*
VDD3D
3.0
3.3
3.6
V
Analog input power supply voltage
VDD3A
3.0
3.3
3.6
V
I/O input power supply voltage*
VDDIO
1.8
3.6
V
*If VDDIO & VDD3D is not supplied power, there is risk of I/O pin with current leakage
Table 5-4: DC Characteristics
(VDD3A = VDD3D = 3.3V, Topr = 25ºC)
Item
Symbol
Min
Typ.
Max
Unit
Condition
Operation current
Iop
100
mA
Active Mode / 21.5”
Input Low Voltage
VIL1
0
0.3VDDIO
V
Input High Voltage
VIH1
0.6VDDIO
VDDIO+0.5
V
Hysteresis voltage
VHY
0.2VDDIO
V
Input Low Voltage, XT_In
VIL2
0
0.6
V
VDDIO=3.3V
Input High Voltage, XT_In
VIH2
2.6
VDDIO+0.2
V
VDDIO=3.3V
Negative going threshold,
/Reset
VILS
0
0.2VDDIO
V
Positive going threshold,
/Reset
VIHS
0.6VDDIO
VDDIO+0.5
V
Output High Voltage
VOH
0.7VDDIO
V
VDDIO =3.3V,
IOH=8mA
Output Low Voltage
VOL
0.3VDDIO
V
VDDIO =3.3V,
IOL=10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com