Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILI2511 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ILI2511
Description  Single Chip Capacitive Touch Sensor Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ILI2511 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ILI2511 Datasheet HTML 9Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 10Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 11Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 12Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 13Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 14Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 15Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 16Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Capacitive Touch Sensor Controller
ILI2511
Page 13 of 18
Version: 1.05
5.4 I2C AC Characteristics
Table 5-7: I2C AC Characteristics
Parameter
Symbol
Standard-mode
Fast-mode
Unit
Min
Max
Min
Max
SCL clock frequency
fSCL
0
100
0
400
kHz
Hold time START condition
tHD;STA
4.0
-
0.6
-
us
LOW period of the SCL clock
tLow
4.7
-
1.3
-
us
HIGH period of the SCL clock
tHigh
4.0
-
0.6
-
us
Set-up time for a repeated START
condition
tSU:STA
4.7
-
0.6
-
us
Data hold time
tHD;DAT
300
-
300
-
ns
Data set-up time
tSU;DAT
250
-
100
-
ns
Rise time of both SDA and SCL
signals (30% to 70%)
tr
-
1000
20
300
ns
Fall time of both SDA and SCL
signals (70% to 30%)
tf
-
300
20
300
ns
Set-up time for STOP condition
tSU;STO
4.0
-
0.6
-
us
Bus free time between a STOP and
START condition
tBUF
4.7
-
1.3
-
us
Capacitive load for each bus line
Cb
-
400
-
400
pF
Noise margin at the LOW level for
each connected device
VnL
0.1VDD
-
0.1VDD
-
V
Noise margin at the HIGH level for
each connected device
VnH
0.2VDD
-
0.2VDD
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com