Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILI2511 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ILI2511
Description  Single Chip Capacitive Touch Sensor Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ILI2511 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ILI2511 Datasheet HTML 8Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 9Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 10Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 11Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 12Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 13Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 14Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 15Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Capacitive Touch Sensor Controller
ILI2511
Page 12 of 18
Version: 1.05
Table 5-5: USB DC Characteristics
Item
Symbol
Min
Typ.
Max
Unit
Condition
Input Low
VIL
0.8
V
Input High (driven)
VIH
2.0
V
Differential input sensitivity
VDI
0.2
V
(D+) – (D-)
Differential common-mode range
VCM
0.8
2.5
V
Includes VDI range
Single-ended receiver threshold
VSE
0.8
2.0
V
Receiver hysteresis
VRH
200
mV
Output low (driven)
VOL
0
0.3
V
Output high (driven)
VOH
2.8
3.6
V
Output signal cross voltage
VCRS
1.3
2.0
V
Pull-up resistor
RPU
1.425
1.575
k
Ω
Pull-down resistor
RPD
14.25
15.75
k
Ω
Termination Voltage for upstream
port pull up (RPU)
VTRM
3.0
3.6
V
Table 5-6: Crystal Characteristics
Item
Symbol
Min
Typ.
Max
Unit
Condition
Input clock frequency
fXIN
12
MHz
External crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com