Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 24 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 24 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
24 / 42
Copyright © 2019, Injoinic Corp.
When NTC1 pin detects that the voltage is 0.47v, it represents the battery temperature of 55 ℃; when NTC1
voltage is lower than 0.47v, it stops charging; when NTC1 voltage is higher than 0.7V, it restores the charging
current to normal value
In the state of discharge:
When NTC1 pin detects that the voltage is 2.13v, it represents low temperature of battery - 20 ℃; when
NTC1 voltage is higher than 2.13v, it stops discharging; when NTC1 voltage is lower than 2.04v, it resumes
discharging.
When NTC1 pin detects that the voltage is 0.47v, it represents the battery high temperature of 55 ℃; when
NTC1 voltage is lower than 0.47v, it stops discharging; when NTC1 voltage is higher than 0.55v, it resumes
discharging.
NTC2 pin is used to detect the temperature of wireless charging coil. When NTC2 pin detects that the voltage
is 0.3V, it means that the coil temperature exceeds 70 degrees, and the wireless charging TX will be turned off.
When NTC2 voltage is higher than 0.55v (coil temperature is lower than 50c), recover wireless charging TX.
*The above temperature range refers to NTC resistance zl104fbxv050 (B = 3950). Other models have
differences and need to be adjusted.
If NTC is not required in the application, 51K resistance shall be connected to the ground at NTC pin, and
floating or direct grounding is not allowed.
VCC
VCC is a normally open 3.1V LDO with a load capacity of 50mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com