Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 26 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 26 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
26 / 42
Copyright © 2019, Injoinic Corp.
Wireless charging RX function
IP5568 supports wireless RX 5W / 10W charging function. TX and Rx share a coil and a resonant
capacitor, and switch TX and Rx modes by pressing the key (long press 2s). After IP5568 is powered on,
the wireless charging is TX mode by default.
When in Rx mode, the two LED indicators of wireless charging will flash together (the display
mode can be customized) to indicate that the wireless charging is working in Rx state. When using the
wireless RX charging function, the button function defaults to double-click shutdown without flashlight
function.
The RX output of wireless charging is directly connected to VIN network to provide power for
system charging. USB charging port is preferred for system charging. When Rx is working, insert usb-b or
usb-c, the wireless RX charging function will be automatically turned off, and the usb-b or usb-c will be
automatically switched to charge the system, and the wireless TX charging function will be turned on at
the same time
Wireless charging RX circuit
VBRIGE
AUXDRV1
VSYS
R28
10K
C11
NC
R32
0R
RU20P7C
RU20P7C
Q2
Q3
VBRIGE
AUXDRV2
VIN
R29
10K
C12
NC
R33
0R
RU20P7C
RU20P7C
Q4
Q5
COIL_I
VBRIGE
SW1
SW2
N2
2N7002
N3
2N7002
D14
SS34
D15
SS34
D16
SS34
D17
SS34
C13
33nF
C14
33nF
R35
1K
R30
10K
In the application of wireless charging TX / Rx, the default key
mode is: short press to turn on, double short press in 1s to turn
off, long press for 2s to switch between wireless charging and
Rx, no flashlight application.
FCAP
When Rx is working, insert usb-b or usb-c, the wireless RX charging function will be
automatically turned off, and the usb-b or usb-c will be automatically switched to charge the
system, and the wireless TX charging function will be turned on at the same time
VBRIGE
D18
10V稳压管
N4
2N7002
N5
2N7002
C15
470nF
C16
470nF
R42
10K
RX
circuit
VBRIGE
LED_R
R31
10K
R36
5.1K
Q6
PMOS
BSS84
KEY_1
N6
2N7002
N7
2N7002
R43
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com