Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 1 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 1 Page - Injoinic Technology Co.,Ltd.

  IP5310 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
IP5568
http://www.injoinic.com/
1 / 42
Version 1.31
Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast
Charge protocol Power Bank SOC
Features
Support multiple ports +wirelss charging
simultaneously
2USB A output ports,1 USB B input port
1 USB C input/output port,wireless charging TX/RX
5W/10W/15W wireless charging TX/RX
Compliant with the WPC V1.2.4 specification,
support 5w/7.5w/10w/15w TX
Support 5w/10w RX
integrate full bridge driver,integrate
voltage/current demodulator
support FOD function
support 1~3 coils
Fast charge
Every port support fast charge
Support QC2.0/QC3.0 output
Support FCP/AFC/SFCP
input/output
Support SCP output
Support VOOC output
Support MTK PE1.1&2.0 output
Support USB C DRP input/output
Support BC1.2/Apple/Samsung
Integrated USB PD2.0/PD3.0 protocol
Support PD2.0 input/output protocol
Support PD3.0 input/output and PPS output
protocol
Support 5V/9V/12V voltage input/output
PPS support 5~11v adjustable voltage with
20mv/step
Charger
Up to 5A charging current at battery port
Adaptive charging current adjustment
Support 4.2v/4.3v/4.35v/4.4v battery
Boost
Output current:
5V:3.1A
9V:2.0A
12V:1.5A
Up to 95%@5V/2A efficiency with synchronous
switching
Support line compensate
Battery level display
Integrated 14bit ADC and coulometer
Support 1/2/4 LED battery level indicator
Support 88/188 nixie tube
Auto recognition of LED number
Adjustable battery level curve
Others
Support auto detect of plug in and out
Fast charge status indicator
Support Battery NTC and wireless charging NTC
Enter standby mode automatically in light load
Integrated torch-light driver
Multiple protection,high reliability
Inuput overvoltage and undervoltage protection
Output overcurrent,overvoltage and short circuit
protection
Battery overcharge,over discharge and overcurrent
protection
Over temperature protection
4KV ESD,Input voltage up to 20v(including CC pins)
Low BOM cost
Integrated switch power MOSFET
Single inductor for charging and discharging
Package size:8mm × 8mm 0.4pitch QFN64
Description
IP5568 is a power management SOC. It integrates
wireless charging TX / Rx, qc2.0 / qc3.0 / SCP / vooc
output fast charging protocol, FCP / AFC / SFCP input and
output fast charging protocol, MTK PE + 1.1 & 2.0 output
fast charging protocol, USB C / pd2.0 / pd3.0 input and
output protocol, USB C pd3.0 PPS output protocol, and
bc1.2 / apple / Samsung mobile phone charging protocol. It
integrates the functions of synchronous up / down
converter, lithium battery charging management, battery
power indication, etc. to provide a complete power solution
for fast charging mobile power bank. Two USB A ports, one
USB B port and one USB C port can be connected at the
same time,any single USB port can support fast charging.
When two or more output ports are used at the same time,
only 5V is supported. IP5568 supports wireless charging
and simultaneous use of USB port, which only supports
5V.
Only one inductor is needed to realize the function of
buck and boost, and only a few peripheral devices are
needed in the application, which effectively reduces the
size of the overall PCB and reduces the cost of BOM.
The synchronous switch boost system of IP5568 can
provide the maximum output capacity of 18W, which can
maintain the efficiency of more than 90% even when the
battery voltage is low.
IP5568 charger provides charging current up to 5.0A.
Built in IC temperature, battery temperature and input
voltage control loop, intelligent regulation of charging


Similar Part No. - IP5310

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5310 INJOINIC-IP5310 Datasheet
1Mb / 9P
Integrated 7 protocols for fast charging protocol ICs for USB ports
IP5310 INJOINIC-IP5310 Datasheet
1,002Kb / 11P
Integrated 9 protocols for fast charging protocol ICs for USB ports
IP5310 INJOINIC-IP5310 Datasheet
976Kb / 10P
Integrated 8 protocols for fast charging protocol ICs for USB ports
IP5310 INJOINIC-IP5310 Datasheet
897Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
IP5310 INJOINIC-IP5310 Datasheet
905Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
More results

Similar Description - IP5310

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR24C128 LRC-LR24C128 Datasheet
607Kb / 14P
Bi-directional Data Transfer Protocol
logo
Abracon Corporation
AWCCA-12R12H11-C01-B ABRACON-AWCCA-12R12H11-C01-B Datasheet
1Mb / 3P
Rx Wireless Charging Coil Assembly
11.30.15
logo
Injoinic Technology Co....
IP2712 INJOINIC-IP2712 Datasheet
1Mb / 20P
Integrated USB TYPE -C PD2.0/ PD3.0, QC3.0/2.0/MTK High Voltage Fast Charge Protocol Power Management SOC
IP2716 INJOINIC-IP2716 Datasheet
1Mb / 23P
Integrated USB TYPE-C PD2.0/ PD3.0, QC3.0/2.0/MTK High Voltage Fast Charge Protocol Power Management SOC
IP5328P INJOINIC-IP5328P Datasheet
2Mb / 27P
Mobile power SOC supporting multiple protocols such as bidirectional PD3.0 fast charging
logo
Renesas Technology Corp
P9221-R3 RENESAS-P9221-R3 Datasheet
1Mb / 46P
15W Wireless Charging Receiver with Bi-directional Data Communication
October 20, 2017
P9242-R3 RENESAS-P9242-R3 Datasheet
1Mb / 44P
15W Wireless Charging Transmitter with Bi-directional Data Communication
May 17, 2019
logo
Injoinic Technology Co....
IP5332 INJOINIC-IP5332 Datasheet
2Mb / 24P
Support bidirectional PD3.0 fast charging and other mobile power SOC with multiple protocols
Version 0.2 2015
IP5356 INJOINIC-IP5356 Datasheet
2Mb / 35P
support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
Version1.1 2020
IP5389 INJOINIC-IP5389 Datasheet
2Mb / 32P
Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
Version1.2 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com