Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 3 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 3 Page - Injoinic Technology Co.,Ltd.

  IP5310 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
3 / 42
Copyright © 2019, Injoinic Corp.
Typical Application
IP5568
VSYS
NTC1
LED2
LED1
LED3
FCAP
HLED
KEY
AGND EPAD
LIGHTNING
VIN
CL
GND
D1
25%
D2
50%
D3
75%
D4
100%
2
1
3
12
58
29
14
64
CP6
22uF
VSYS
VSYS
VSYS
17
18
63
CP7
22uF
CP8
22uF
CP9
22uF
R8 50K
R4 120K
RNTC1 100K
DAT1
DAT2
R10 10K
R9 100R
NTC2
30
RNTC2 100K
R5 120K
R28 100R
R29 100R
CP2
10uF
CP1
10uF
Micro-B
VIN
GND
VIN
DMB
DPB
22
VIN
21
37
36
DMB
DPB
CL
CP4
10uF
TYPE-A
VOUT1
GND
VOUT1
DMA1
DPA1
61
VOUT1
62
40
39
DMA1
DPA1
CP5
10uF
TYPE-A
VOUT2
GND
VOUT2
DMA2
DPA2
59
VOUT2
60
42
41
DMA2
DPA2
TYPE-C
VBUS
CC1
CC2
GND
DMC
DPC
CP3
10uF
VBUS
DMC
DPC
20
VBUS
19
35
34
CC1
CC2
32
33
VSYS
VSET
57
R7 115K
KEY_MODE
56
R6 20K
VCC
OTPMEMVVDD
28
C5
2.2uF
C4
2.2uF
CPP
CPN
26
C3
0.1uF
DAT1
GND
PMOS
DAT2
VDD
NC
DAT1
DAT2
R3
2.2K
R2
2.2K
R1
2.2K
25
27
31
U1
USB1
USB2
USB3
USB4
USB5
K1
D6
D5
U2
C10
400nF/100V
W1
A11线圈
CBB谐振电容
Q1
RU30S15H
N1
RUH30D20H
C9
NC/2nF
R23
2R
R24
2R
DNGATE1 DNGATE2
ISENSE
IGND
UPGATE1
UPGATE2
VSYS
VBRIGE
SW1
SW2
COIL_I
COIL_V
FOD_DET
V_DET
COIL_V
VCC
V_DECONDE
PGND
LED_R
LED_G
NC
NC
VOOC_ID
AUXDRV1
AUXDRV3
AUXDRV2
IGND
ISENSE
V_DECODE
V_DET
FOD_DET
UPGATE2
DNGATE2
UPGATE1
DNGATE1
11
13
15
16
38
51
50
49
44
45
46
47
48
52
53
54
55
R11 100R
R12 100R
R13
20K
D9
IN5819
D10
IN5819
R16
10K
C6
2.2nF
R15
100K
C7
15nF
R17
33K
C8
15nF
D11
IN5819
R14
3.3K
R19
NC/10K
R20
2R
R21
NC/10K
R22
2R
CP14
10uF
CP15
10uF
R25 0R
R26 0R
R27
20mR
R18 0R
D7
D8
C11
1uF
D12
SS34
D13
SS34
key_mode
R6
(ohm)
ON
OFF
lighting
LED
or
nixie
tube
display
20K
short Double
Long
LED
51K
short -
Long
LED
82K
short -
Double
LED
115K
short Long
Double
LED
“-”not definition
FCAP R8
(ohm)
Battery initial capacity
(mAH)
25K
5000mAH
40K
8000mAH
50K
10000mAH
60K
12000mAH
100K
20000mAH
125K
25000mAH
VSET R7
(ohm)
Battery full voltage
selection
115K
4.20V
82K
4.30V
51K
4.35V
20K
4.40V
Wireless charging TX circuit
A、If there is both USB-B and LIGHTNING ports in the application:
1、USB-B and LIGHTNING do not plug in at the same time. It can be make
restrictions on the mold. At the same time,Omitting D7/D8;
2、If there is a case of simultaneous insertion,D12/D13 not to be omitted;
B、If there is only USB-B or LIGHTNING ports in the application:
Omitting D7/D8;
If NTC is not
required in the
application,
51K
resistance shall be
connected to the
ground
at
NTC
pin, and floating
or
direct
grounding is not
allowed.
Apple decrypts IC
CP10
100uF
CPAE Capacitors
LX LX LX LX LX
L1
2.2uH
BAT
C1
0.1uF
CP11
22uF
BAT
CP12
22uF
CP13
22uF
BST
C2
0.1uF
BATS
23
D14
SS34
图 1
Simplified Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com